Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS2A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCS2A
Description  2 A max constant current LED driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS2A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCS2A Datasheet HTML 7Page - STMicroelectronics STCS2A Datasheet HTML 8Page - STMicroelectronics STCS2A Datasheet HTML 9Page - STMicroelectronics STCS2A Datasheet HTML 10Page - STMicroelectronics STCS2A Datasheet HTML 11Page - STMicroelectronics STCS2A Datasheet HTML 12Page - STMicroelectronics STCS2A Datasheet HTML 13Page - STMicroelectronics STCS2A Datasheet HTML 14Page - STMicroelectronics STCS2A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STCS2A
Detail description
11/18
7.4
Diagnostic
When STCS2A is in on mode (EN is high), the device is able to detect disconnection or fail
of the LED string monitoring VDRAIN pin. If VDRAIN is lower than 75 mV the DISC pin is
pulled low regardless the PWM pin status. This information can be used by the system to
inform that some problem happens in the LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com