Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS2A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STCS2A
Description  2 A max constant current LED driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS2A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STCS2A Datasheet HTML 10Page - STMicroelectronics STCS2A Datasheet HTML 11Page - STMicroelectronics STCS2A Datasheet HTML 12Page - STMicroelectronics STCS2A Datasheet HTML 13Page - STMicroelectronics STCS2A Datasheet HTML 14Page - STMicroelectronics STCS2A Datasheet HTML 15Page - STMicroelectronics STCS2A Datasheet HTML 16Page - STMicroelectronics STCS2A Datasheet HTML 17Page - STMicroelectronics STCS2A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STCS2A
Package mechanical data
15/18
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.70
0.146
A1
0.10
0.004
A2
3.40
3.60
0.134
0.142
A3
1.25
1.35
0.049
0.053
b
0.40
0.53
0.016
0.021
c0.35
0.55
0.014
0.022
D
9.40
9.60
0.370
0.378
D1
7.40
7.60
0.291
0.299
E13.80
14.40
0.543
0.567
E1
9.30
9.50
0.366
0.374
E2
7.20
7.60
0.283
0.299
E3
5.90
6.10
0.232
0.240
e
1.27
0.050
L0.95
1.65
0.037
0.065
α
8°0°
PowerSO-10 Mechanical Data
0068039-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com