Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7469 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7469
Description  LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7469 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7469 Datasheet HTML 2Page - STMicroelectronics TDA7469 Datasheet HTML 3Page - STMicroelectronics TDA7469 Datasheet HTML 4Page - STMicroelectronics TDA7469 Datasheet HTML 5Page - STMicroelectronics TDA7469 Datasheet HTML 6Page - STMicroelectronics TDA7469 Datasheet HTML 7Page - STMicroelectronics TDA7469 Datasheet HTML 8Page - STMicroelectronics TDA7469 Datasheet HTML 9Page - STMicroelectronics TDA7469 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TDA7469
6/13
Table 10. STAND_BY & OTHERS
Table 11. BASS ALC1
Table 12. BASS ALC2
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
STAND-BY
1
ALL Circuits Stop
0
ALL Circuits Work
SOFT MUTE CAPACITOR
1
Independent Capacitor
0
Share ALC Capacitor
REFERENCE LEVEL
1
adaptive: (VDD-0.7)/2
0
0
0
1.10V
0
1
0
0.85V
1
0
0
0.55V
1
1
0
0.45V
ZEROCROSS MODE
1ON
0OFF
1
Zerocross Detect Point: Volume
0
Zerocross Detect Point: Bass
CREF STAND-BY
1
CREF Circuit Stop
0
CREF Circuit Work
MSB
LSB
BASS ALC
D7
D6
D5
D4
D3
D2
D1
D0
ALC MODE
1ON
0OFF
DETECTOR
1ON
0OFF
RELEASE CURRENT CIRCUIT
1ON
0OFF
ATTACK TIME RESISTOR
0
0
12.5K
Ω
0
1
25K
Ω
1
0
50K
Ω
1
1
100K
Ω
THRESHOLD
0
0
THRESHOLD1
0
1
THRESHOLD2
1
0
THRESHOLD3
1
1
THRESHOLD4
MSB
LSB
BASS ALC
D7
D6
D5
D4
D3
D2
D1
D0
ALC FULL FEEDBACK CURR.
1ON
0OFF
BIG RELEASE CURRENT
1ON
0OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com