Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7469 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7469
Description  LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7469 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7469 Datasheet HTML 1Page - STMicroelectronics TDA7469 Datasheet HTML 2Page - STMicroelectronics TDA7469 Datasheet HTML 3Page - STMicroelectronics TDA7469 Datasheet HTML 4Page - STMicroelectronics TDA7469 Datasheet HTML 5Page - STMicroelectronics TDA7469 Datasheet HTML 6Page - STMicroelectronics TDA7469 Datasheet HTML 7Page - STMicroelectronics TDA7469 Datasheet HTML 8Page - STMicroelectronics TDA7469 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
TDA7469
Table 8. TREBLE & BASS
Table 9. INPUT SELECT & MUTE
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
TREBLE
0
0
12dB
0
1
8dB
1
0
4dB
1
1
0dB
BASS
0
0
0
14dB
0
0
1
12dB
0
1
0
10dB
011
8dB
100
6dB
101
4dB
110
2dB
111
0dB
BASS ALC
0
ALC: VOLUME mode
1
ALC: BASS mode
1
ALC: fc shift
0
ALC: fc nonshift
1
ALC: feedback gain x2
0
ALC: feedback gain x 1
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
INPUT SELECT
0
0
IN1 (0dB)
0
1
IN1 (-6dB)
1
0
IN2 (0dB)
1
1
IN2 (-6dbB)
MUTE
1
Input Mute ON
0
Input Mute OFF
1
Output SoftMute ON
0
Output SoftMute OFF
1
Output Mute ON
0
Output Mute OFF
HEADPHONE AMP. ST-BY
1
Headphone Amp. OFF
0
Headphone Amp. ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com