Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7469 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7469
Description  LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7469 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7469 Datasheet HTML 1Page - STMicroelectronics TDA7469 Datasheet HTML 2Page - STMicroelectronics TDA7469 Datasheet HTML 3Page - STMicroelectronics TDA7469 Datasheet HTML 4Page - STMicroelectronics TDA7469 Datasheet HTML 5Page - STMicroelectronics TDA7469 Datasheet HTML 6Page - STMicroelectronics TDA7469 Datasheet HTML 7Page - STMicroelectronics TDA7469 Datasheet HTML 8Page - STMicroelectronics TDA7469 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
TDA7469
Table 5.
ELECTRICAL CHARACTERISTICS (refer to the test circuit Tamb = 25°C, VS =2.4V, all controls flat (G =
0dB), f = 1KHz, unless otherwise specified)
Note: 1. BASS and TREBLE response: The center frequency and the response quality can be chosen by the external circuitry.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
1.8
2.4
5.0
V
VPS
Supply Voltage
1.5
2.4
5.0
V
ISQ
Supply Current pin 1
All circuit stop
40
100
µA
IPSQ
Quiescent Current pin10 + pin15
Headphone Amp. OFF
1
10
µA
IS
Po = 0.5mW +0.5mW
8
mA
IPS
Po = 0.5mW +0.5mW
15
mA
INPUT STAGE
RIN
Input Resistance
35
50
65
K
Ω
AIN
Input Attenuation Range
0
6
dB
VOLUME CONTROL
CRANGE
Control Range
-63
6
dB
AMAX
Max. Attenuation
61
63
65
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
GMAX
Max. Gain
6dB
Gstep
Step Resolution
2
dB
R1
Muxout Load Resistence
10
K
Ω
BASS CONTROL
Gb
Control Range
Max. Boost/on
14
dB
RB
Internal Feedback Resistance
75.6
100.8
126
K
Ω
TREBLE CONTROL
Gt
Control Range
Max. Boost
12
dB
Rt
Internal Resistance
25
K
Ω
HEADPHONE OUTPUTS
Gout
Output Gain
0
dB
Pomax
Max Output Power
THD = 10%
5
10
mW
GENERAL
ENO
Output Noise
All gains = 0dB
Output Muted
BW = 20Hz to 20KHz flat
5
10
µV
µV
THD
Distortion
Av = 0, Vin = 0.1Vrms
0.1
0.5
%
SC
Channel Separation Left/Right
50
dB
RR1
Ripple Rejection
VS, f = 100Hz
-70
dB
RR2
Ripple Rejection
PVS, f = 100Hz
-75
dB
Total Tracking Error
0
1
dB
BUS INPUTS
VIL
Input Low Voltage
0.5
V
VIH
Input High Voltage
1.9
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage (ACK)
IO = 1.6mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com