Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490L Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7490L
Description  20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7490L Datasheet HTML 1Page - STMicroelectronics TDA7490L Datasheet HTML 2Page - STMicroelectronics TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TDA7490L
2/11
Figure 3. Test and Application Circuit. (Bridge Configuration)
Table 2. Absolute Maximum Ratings
Table 3. Thermal Data
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (no signal)
±30
V
Ptot
Power Dissipation Tcase = 70°C
35
W
Tstg, Tj
Storage and Junction Temperature
–40 to 150
°C
Top
Operating Temperature Range
0 to 70
°C
V6,8,10,18
Maximum Voltage on pins # 6,8,10,18 referred to GND
±5V
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Typ.
1
°C/W
PWM-stage
PRE
+
-
-
+
470pF
470pF
R4
68K
R5 52.3K
L9 30
µ
INPUT
C23
235nF
PWM-stage
L10 30
µ
C26
470nF
dumping
(common
mode)
The LC filter is optimized for 8
(<->LC filter for 4
Ω in single-ended)
It hos to be changed for other loads
C24
235nF
C29
470nF
R28
10
R27
10
R25
Rload
PRE
470pF
470pF
R61
68K
R62 52.3K
D99AU1081
7
9
10
18
19
17
23
3
R63
4.7K
Int.
Int.
C40
C60
C59
C41



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com