Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490L Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7490L
Description  20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7490L Datasheet HTML 1Page - STMicroelectronics TDA7490L Datasheet HTML 2Page - STMicroelectronics TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TDA7490L
4/11
Figure 5. Pin Connection
Table 4. Pin Description
Pin N°
Name
Function
1-VCC sign/sub
Negative signal/substrate supply
2-VCCpow1
Negative power supply CH1
3
out 1
PWM output of CH1
4+VCCpow1
Positive power supply CH1
5
BOOT1
Bootstrap CH1
6
STBY-MUTE
Control State Pin
7
FEED1
Feedback pin 1 CH1
8
OSC
Master Oscillator Setting Freequency Pin (or external sync.)
9
FEED2
Feedback pin2 CH1
10
IN1
Input CH1
11
T1
Triangular waveform CH1
12
+5V
+5V regulator (only for internal purposes)
13
GND
Signal ground
14
CURREF
Setting current resistor
15
T2
Triangular waveform CH2
16
-5V
-5V regulator (only for internal purposes)
17
FEED3
Feedback pin1 CH2
18
IN2
Input CH2
19
FEED4
Feedback pin2 CH2
20
NC
Not connected
21
BOOT2
Bootstrap CH2
22
+VCCpow2
Positive power supply CH2
23
OUT2
PWM output of CH2
24
-VCCpow2
Negative power supply CH2
25
Vreg
10V regulator
D97AU816B
1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com