Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490L Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7490L
Description  20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7490L Datasheet HTML 1Page - STMicroelectronics TDA7490L Datasheet HTML 2Page - STMicroelectronics TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
TDA7490L
Figure 4. Application in Supply Voltage
*
*
*
*
*
New component
EXT_CK
+VS
IN 1
IN 2
+Vs
+Vs
+Vs
C20
33nF
C18
330pF
1
2
C14
33nF
C19
560pF
C16
330pF
1
2
C17
24pF
C29
220nF
C26
470pF
C25
470pF
C7
100nF
1
2
C15
560pF
L1 30uF
1
2
R15
100
R14
22K
1
2
R12
22K
1
2
OUT 2
1
2
1
2
L2
30uH
1
2
R11
100
R4
130K
R20
68K
R17
52.3K
1
2
R21
4.7K
1
2
R2
30k
R1
10K
1
2
R3
10k
Stby
Mute
C1
330nF
1
2
C2
1nF
C3
100nF
C5
330nF
1
2
C4 100nF
C6
1nF
C9
470pF
C8
470pF
R6
68K
R9
52.3K
1
2
R5
4.7K
1
2
C27
1 uF
R13
10K
C10
220nF
OUT 1
1
2
C21
2200uF
C12
2200uF
R22
1K
R23
1K
C22
100nF
1
2
U1
TDA7490L
IN 1
10
-VS
1
IN 2
18
10V REG
25
OUT1
3
BOOT1
5
-5V REG
16
+5V REG
12
SGND
13
BOOT2
21
T1
11
T2
15
OSC
8
OUT2
23
C11
100uF
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com