Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6600 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 9Page - STMicroelectronics PM6600 Datasheet HTML 10Page - STMicroelectronics PM6600 Datasheet HTML 11Page - STMicroelectronics PM6600 Datasheet HTML 12Page - STMicroelectronics PM6600 Datasheet HTML 13Page - STMicroelectronics PM6600 Datasheet HTML 14Page - STMicroelectronics PM6600 Datasheet HTML 15Page - STMicroelectronics PM6600 Datasheet HTML 16Page - STMicroelectronics PM6600 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
PM6600
Typical operating characteristics
13/43
Figure 7.
Efficiency vs
DIM duty cycle @ fDIM = 10 kHz
Figure 8.
Efficiency vs
DIM duty cycle @ fDIM = 20 kHz
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
DIM duty cycle [%]
Vin = 6V
Vin = 12V
Vin = 18V
Vin = 24V
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
DIM duty cycle [%]
Vin = 6V
Vin = 12V
Vin = 18V
Vin = 24V
Figure 9.
Efficiency vs
DIM duty cycle @ Vin = 8 V
Figure 10.
Efficiency vs
DIM duty cycle @ Vin = 12 V
Figure 11.
Efficiency vs
DIM duty cycle @ Vin = 18 V
Figure 12.
Efficiency vs
DIM duty cycle @ Vin = 24 V
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
DIM duty cycle [%]
fDIM = 200Hz
fDIM = 500Hz
fDIM = 1kHz
fDIM = 5kHz
fDIM = 10kHz
fDIM = 20kHz
0
10
20
30
40
50
60
70
80
90
100
020
40
60
80
100
DIM duty cycle [%]
fDIM = 200Hz
fDIM = 500Hz
fDIM = 1kHz
fDIM = 5kHz
fDIM = 10kHz
fDIM = 20kHz
0
10
20
30
40
50
60
70
80
90
100
020
40
60
80
100
DIM duty cycle [%]
fDIM = 200Hz
fDIM = 500Hz
fDIM = 1kHz
fDIM = 5kHz
fDIM = 10kHz
fDIM = 20kHz
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
DIM duty cycle [%]
fDIM = 200Hz
fDIM = 500Hz
fDIM = 1kHz
fDIM = 5kHz
fDIM = 10kHz
fDIM = 20kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com