Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6600 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 28Page - STMicroelectronics PM6600 Datasheet HTML 29Page - STMicroelectronics PM6600 Datasheet HTML 30Page - STMicroelectronics PM6600 Datasheet HTML 31Page - STMicroelectronics PM6600 Datasheet HTML 32Page - STMicroelectronics PM6600 Datasheet HTML 33Page - STMicroelectronics PM6600 Datasheet HTML 34Page - STMicroelectronics PM6600 Datasheet HTML 35Page - STMicroelectronics PM6600 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Operation description
PM6600
32/43
7.6
Boost current limit
The design of the external components, especially the inductor and the flywheel diode, must
be optimized in terms of size relying on the programmable peak current limit. The PM6600
improves the reliability of the final application giving the way to limit the maximum current
flowing into the critical components. A simple resistor connected between the BILIM pin and
ground sets the desired value. The voltage at the BILIM pin is internally fixed to 1.2 V and
the current limit is proportional to the current flowing through the setting resistor, according
to the following equation:
Equation 14
where
.
The maximum allowed current limit is 5 A, resulting in a minimum setting resistor
RBILIM > 120 kΩ. The maximum guaranteed RMS current in the power switch is 2 Arms. The
current limitation works by clamping the COMP pin voltage proportionally to RBILIM. Peak
inductor current is limited to the above threshold decreased by the slope compensation
contribution.
In a boost converter the r.m.s. current through the internal MOSFET depends on both the
input and output voltages, according to equations 15a (DCM) and 15b (CCM).
Equation 15 a
Equation 15 b
BILIM
B
PEAK
,
BOOST
R
K
I
=
%
15
V
10
7
.
6
K
5
B
±
⋅
=
3
D
L
F
D
V
I
SW
IN
rms
,
MOS
⋅
⋅
=
()
()
()
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
⋅
+
−
=
3
2
SW
OUT
OUT
2
OUT
rms
,
MOS
D
1
D
L
f
I
V
12
1
D
1
D
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com