Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6600 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 27Page - STMicroelectronics PM6600 Datasheet HTML 28Page - STMicroelectronics PM6600 Datasheet HTML 29Page - STMicroelectronics PM6600 Datasheet HTML 30Page - STMicroelectronics PM6600 Datasheet HTML 31Page - STMicroelectronics PM6600 Datasheet HTML 32Page - STMicroelectronics PM6600 Datasheet HTML 33Page - STMicroelectronics PM6600 Datasheet HTML 34Page - STMicroelectronics PM6600 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
PM6600
Operation description
31/43
7.5
Soft-start
The Soft-Start function is required to perform a correct start-up of the system, controlling the
inrush current required to charge the output capacitor and to avoid output voltage overshoot.
The Soft-Start duration is set connecting an external capacitor between the SS pin and
ground. This capacitor is charged with a 5
µA constant current, forcing the voltage on the SS
pin to ramp up. When this voltage increases from zero to nearly 1.2 V, the current limit of the
power-MOSFET is proportionally released to its final value. In addition, during the initial part
of the Soft-Start, the switching frequency of the boost converter is reduced to half of the
nominal value to permit to use inductors with lower saturation current value; the nominal
switching frequency is restored after the SS pin voltage has crossed 0.8 V. In this mode, the
current runaway is avoided.
Figure 51.
Soft-start sequence waveforms in case of floating ROWs
During the soft-start phase it is also performed the floating ROWs detection. In presence of
one or more floating ROWs, the error amplifier is unbalanced and the output voltage
increases; when it reaches the Floating ROW Detection (FRD) threshold (93 % of the OVP
threshold), the floating ROWs are managed according to Table 3 (see Section 9 on page 36).
After the SS voltage reaches a 2.4 V threshold, the start-up finishes and all the protections
turn active. The soft-start capacitor CSS can be calculated according to equations 12.
Equation 13
Where ISS = 5 µA and tSS is the desired Soft-start duration.
AVCC
tss
SS pin voltage
t
Protections turn active
1.2V
0.8V
Current limit
EN pin voltage
100%
Output voltage
OVP
93% of OVP
Floating ROWs detection
2.4V
Nominal switching
frequency release
)
V
V
(
C
10
12
C
5
.
2
t
I
C
min
,
IN
max
,
OUT
OUT
6
SS
SS
SS
SS
−
⋅
⋅
⋅
≅
≅
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com