Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 17Page - STMicroelectronics PM6680 Datasheet HTML 18Page - STMicroelectronics PM6680 Datasheet HTML 19Page - STMicroelectronics PM6680 Datasheet HTML 20Page - STMicroelectronics PM6680 Datasheet HTML 21Page - STMicroelectronics PM6680 Datasheet HTML 22Page - STMicroelectronics PM6680 Datasheet HTML 23Page - STMicroelectronics PM6680 Datasheet HTML 24Page - STMicroelectronics PM6680 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
PM6680
Device description
21/49
7
Device description
The PM6680 is a dual step-down controller dedicated to provide logic voltages for notebook
computers.
It is based on a Constant On Time control architecture. This type of control offers a very fast
load transient response with a minimum external component count. A typical application
circuit is shown in Figure 27.
The PM6680 regulates two adjustable output voltages: OUT1 and OUT2. The switching
frequency of the two sections can be adjusted to 200/300 kHz, 300/400 kHz or 400/500 kHz
respectively. In order to maximize the efficiency at light load condition, a pulse skipping
mode can be selected.
The PM6680 includes also a 5 V linear regulator (LDO5) that can power the switching
drivers. If the output OUT1 regulates 5 V, in order to maximize the efficiency in higher
consumption status, the linear regulator can be turned off and their outputs can be supplied
directly from the switching outputs. The PM6680 provides protection versus overvoltage,
undervoltage and over temperature as well as power good signals for monitoring purposes.
An external 1.237 V reference is available.
7.1
Constant On time PWM control
If the SKIP pin is tied to 5 V, the device works in PWM mode. Each power section has an
independent on time control.The PM6680 employees a pseudo-fixed switching frequency,
Constant On Time (COT) controller as core of the switched mode section. Each power
section has an independent COT control.
The COT controller is based on a relatively simple algorithm and uses the ripple voltage due
to the output capacitor's ESR to trigger the fixed on-time one-shot generator. In this way, the
output capacitor's ESR acts as a current sense resistor providing the appropriate ramp
signal to the PWM comparator. On-time one-shot duration is directly proportional to the
output voltage, sensed at the OUT1/OUT2 pins, and inversely proportional to the input
voltage, sensed at the VIN pin, as follows:
Equation 1
This leads to a nearly constant switching frequency, regardless of input and output voltages.
When the output voltage goes lower than the regulated voltage Vreg, the on-time one shot
generator directly drives the high side MOSFET for a fixed on time allowing the inductor
current to increase; after the on time, an off time phase, in which the low side MOSFET is
turned on, follows. Figure 28 shows the inductor current and the output voltage waveforms
in PWM mode.
T
ON
K
V
OUT
V
IN
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com