Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 38 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 34Page - STMicroelectronics PM6680 Datasheet HTML 35Page - STMicroelectronics PM6680 Datasheet HTML 36Page - STMicroelectronics PM6680 Datasheet HTML 37Page - STMicroelectronics PM6680 Datasheet HTML 38Page - STMicroelectronics PM6680 Datasheet HTML 39Page - STMicroelectronics PM6680 Datasheet HTML 40Page - STMicroelectronics PM6680 Datasheet HTML 41Page - STMicroelectronics PM6680 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Device description
PM6680
38/49
In order to reduce ground noise due to load transient on the other section, it is
recommended to add a resistor RINT and a capacitor Cfilt that, together with CINT, realize a
low pass filter (see Figure 36). The cutoff frequency fCUT must be much greater (10 or more
times) than the switching frequency of the section:
Equation 26
Due to the capacitive divider (CINT, Cfilt), the ripple voltage at the COMP pin is given by:
Equation 27
Where VRIPPLEout is the output ripple and q is the attenuation factor of the output ripple.
If the ripple is very small (lower than approximately 30 mV), a further compensation network,
named virtual ESR network, is needed. This additional part generates a triangular ripple
that is added to the ESR output voltage ripple at the input of the integrator network. The
complete control schematic is represented in Figure 37.
Figure 37.
Virtual ESR network
filt
INT
filt
INT
CUT
INT
C
C
C
C
f
2
1
R
+
×
×
×
π
=
q
V
C
C
C
V
V
RIPPLEout
filt
INT
INT
RIPPLEout
RIPPLEINT
×
=
+
×
=
COMP
COMP
OUT
OUT
C
CINT
INT
R
RINT
INT
C
CFILT
FILT
t
Vr
C
COUT
OUT
COMP PIN
VOLTAGE
L
L
D
D
OUTPUT
VOLTAGE
C
C
R
R
R1
R1
t
t
T
T NODE
VOLTAGE
?V
?V1
R
ROUT
OUT
?V1
+
-
Vr
Vr
gm
gm
Vr
Vr
+
PWM
PWM
Comparator
Comparator
V1
V1
FB
FB
R
R11
R
R22
COMP
COMP
OUT
OUT
C
CINT
INT
R
RINT
INT
C
CFILT
FILT
t
Vr
C
COUT
OUT
COMP PIN
VOLTAGE
L
L
D
D
OUTPUT
VOLTAGE
C
C
R
R
R1
R1
t
t
T
T NODE
VOLTAGE
?V
?V1
R
ROUT
OUT
?V1
+
-
Vr
Vr
gm
gm
Vr
Vr
+
PWM
PWM
Comparator
Comparator
V1
V1
FB
FB
R
R11
R
R22
R
R11
R
R22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com