Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680 Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM6680
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM6680 Datasheet HTML 37Page - STMicroelectronics PM6680 Datasheet HTML 38Page - STMicroelectronics PM6680 Datasheet HTML 39Page - STMicroelectronics PM6680 Datasheet HTML 40Page - STMicroelectronics PM6680 Datasheet HTML 41Page - STMicroelectronics PM6680 Datasheet HTML 42Page - STMicroelectronics PM6680 Datasheet HTML 43Page - STMicroelectronics PM6680 Datasheet HTML 44Page - STMicroelectronics PM6680 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
PM6680
Device description
41/49
Figure 39.
Inductor current waveforms
Typical components values are: R=47
Ω and C = 1 uF.
●
VREF capacitor
A 10 nF to 100 nF ceramic capacitor on VREF pin must be added to ensure noise
rejection.
●
LDO5 output capacitors
Bypass the output of each linear regulator with 1 uF ceramic capacitor closer to the
LDO pin and a 4.7 uF tantalum capacitor (ESR = 2
Ω). In most applicative conditions a
4.7 uF ceramic output capacitor can be enough to ensure stability.
●
Bootstrap circuit
The external bootstrap circuit is represented in the next figure:
Figure 40.
Bootstrap circuit
The bootstrap circuit capacitor value CBOOT must provide the total gate charge to the high
side MOSFET during turn on phase. A typical value is 100nF.
The bootstrap diode D must charge the capacitor during the off time phases. The maximum
rated voltage must be higher than VINmax.
A resistor RBOOT on the BOOT pin could be added in order to reduce noise when the phase
node rises up, working like a gate resistor for the turn on phase of the high side MOSFET.
V
VC
CC
C
R
R
C
C
L
LD
DO
O5
5
P
PH
HA
AS
SE
E
C
CBBOOOOTT
R
RBBOOOOTT
L
LD
DO
O5
5
B
BO
OO
OT
T
D
D
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com