Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43BDIE2V Datasheet(PDF) 2 Page - STMicroelectronics

Part # 43BDIE2V
Description  RAD-hardened precision bipolar single operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

43BDIE2V Datasheet(HTML) 2 Page - STMicroelectronics

  43BDIE2V Datasheet HTML 1Page - STMicroelectronics 43BDIE2V Datasheet HTML 2Page - STMicroelectronics 43BDIE2V Datasheet HTML 3Page - STMicroelectronics 43BDIE2V Datasheet HTML 4Page - STMicroelectronics 43BDIE2V Datasheet HTML 5Page - STMicroelectronics 43BDIE2V Datasheet HTML 6Page - STMicroelectronics 43BDIE2V Datasheet HTML 7Page - STMicroelectronics 43BDIE2V Datasheet HTML 8Page - STMicroelectronics 43BDIE2V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute maximum ratings and operating conditions
RHF43B
2/12
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All values, except differential voltage are with respect to network terminal.
18
±9
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±1.2
V
Vin
Input voltage range(3)
3.
The magnitude of input and output terminal must never exceed VCC+0.3V.
VDD-0.3 to 16
V
IIN
Input current
45
mA
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(4)(5)
4.
Short-circuits can cause excessive heating and destructive dissipation.
5.
Rth are typical values.
125
°C/W
Rthjc
Thermal resistance junction to case(4)(5)
80
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(6)
6.
Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
2kV
Latch-up immunity
200
mA
Lead temperature (soldering, 10 sec)
260
°C
Radiation related parameters
Low dose rate of 0.01 rad.sec-1
300
kRad
High dose rate of 50-300 rad.sec-1
300
kRad
Heavy ion latch-up (SEL) immune with heavy ions
characterized by:
68
MeV.cm-2.mg
Neutron immunity
2+14
n.cm-2
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
3 to 16
V
Vicm
Common mode input voltage range
VDD to VCC
V
Toper
Operating free air temperature range
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com