Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43BDIE2V Datasheet(PDF) 5 Page - STMicroelectronics

Part # 43BDIE2V
Description  RAD-hardened precision bipolar single operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

43BDIE2V Datasheet(HTML) 5 Page - STMicroelectronics

  43BDIE2V Datasheet HTML 1Page - STMicroelectronics 43BDIE2V Datasheet HTML 2Page - STMicroelectronics 43BDIE2V Datasheet HTML 3Page - STMicroelectronics 43BDIE2V Datasheet HTML 4Page - STMicroelectronics 43BDIE2V Datasheet HTML 5Page - STMicroelectronics 43BDIE2V Datasheet HTML 6Page - STMicroelectronics 43BDIE2V Datasheet HTML 7Page - STMicroelectronics 43BDIE2V Datasheet HTML 8Page - STMicroelectronics 43BDIE2V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RHF43B
Electrical characteristics
5/12
Table 4.
VCC = +3V, VDD = 0V, Vicm = VCC/2, Tamb = 25°C, RL connected to VCC/2 (unless
otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
T=25°C
100
300
µV
Tmin < Top < Tmax
500
DVio
Input offset voltage drift
1
μV/°C
Iib
Input bias current
VCC= 4V, Vicm= VCC/2, T= 25°C
Tmin < Top < Tmax
30
60
100
nA
DIib
Input offset current temperature
drift
VCC = 4V, Vicm = VCC/2
100
pA/°C
Iio
Input offset current
(Vout =Vcc/2)
VCC = 4V, Vicm = VCC/2, T= 25°C
Tmin < Top < Tmax
115
35
nA
CMR
Common mode rejection ratio
0 < Vicm < 3V
Tmin < Top < Tmax
72
72
90
dB
AVD
Large signal voltage gain
RL = 10kΩ, Vout= 0.5V to 2.5V
Tmin < Top < Tmax
74
60
85
dB
VOH
High level output voltage
RL =1kΩ connected to VCC/2
Tmin < Top < Tmax
2.9
2.8
2.95
V
RL = 10kΩ connected to VCC/2
Tmin < Top < Tmax
2.94
2.9
2.98
V
VOL
Low level output voltage
RL =1kΩ connected to VCC/2
Tmin < Top < Tmax
0.05
0.1
0.2
V
RL = 10kΩ connected to VCC/2
Tmin < Top < Tmax
0.02
0.06
0.1
V
Iout
Output sink current
Vout = VCC
Tmin < Top < Tmax
20
15
30
mA
Output source current
Vout = VDD
Tmin < Top < Tmax
15
10
25
ICC
Supply current per amplifier
No load
Tmin < Top < Tmax
2.2
2.6
mA
AC performance
GBP
Gain bandwidth product
RL=1kΩ, CL= 100pF, f = 100kHz
Tmin < Top < Tmax
6
3.5
7.5
MHz
Fu
Unity gain frequency
RL =1kΩ, CL = 100pF
5
MHz
φm
Phase margin
RL =1kΩ, CL = 100pF, G=5
50
Degrees
SR
Slew rate
RL =1kΩ, CL = 100pF
Tmin < Top < Tmax
2
1.7
2.7
V/µs
en
Equivalent input noise voltage
f = 1kHz
8
THD+en Total harmonic distortion
Vout = (VCC-1V)/5, G= -5.1,
Vicm=VCC/2
0.01
%
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com