Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43BDIE2V Datasheet (PDF) - STMicroelectronics

43BDIE2V Datasheet PDF - STMicroelectronics
Part # 43BDIE2V
Download  43BDIE2V Download
File Size   490.78 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAD-hardened precision bipolar single operational amplifier

43BDIE2V Datasheet (PDF)

Go To PDF Page Download Datasheet
43BDIE2V Datasheet PDF - STMicroelectronics

Part # 43BDIE2V
Download  43BDIE2V Click to download

File Size   490.78 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAD-hardened precision bipolar single operational amplifier

43BDIE2V Datasheet (HTML) - STMicroelectronics


43BDIE2V Product details

Description
The RHF43B is a precision bipolar operational amplifier available in a ceramic 8-pin flat package and in die form. ln addition to its low offset voltage, rail-to-rail feature and wide supply voltage, the RHF43B is designed for increased tolerance to radiation. Its intrinsic ELDRS-free rad-hard design allows this product to be used in space applications and in applications operating in harsh environments.

Features
■ High radiation immunity: 300 kRad TID at
   high/low dose rate (ELDRS-free), tested
   immunity of SEL /SEU at 125° C under
   120 MeV/mg/cm² LET ions, 14 V supply
■ Rail-to-rail output
■ 8 MHz gain bandwidth at 16 V
■ Low input offset voltage: 100 µV typ
■ Supply current: 2.2 mA typ
■ Operating from 3 to 16 V
■ Input bias current: 30 nA typ
■ ESD internal protection ≥ 2 kV
■ Latch-up immunity: 200 mA
■ QML-V RHA, ELDRS-free qualified under smd 5962-06237

Applications
■ Space probes and satellites
■ Defense systems
■ Scientific instrumentation
■ Nuclear systems




Similar Part No. - 43BDIE2V

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
43B DIOTEC-43B Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
More results


Similar Description - 43BDIE2V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA748 STMICROELECTRONICS-UA748 Datasheet
115Kb / 8P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-1997
UA748 STMICROELECTRONICS-UA748_01 Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
Rad-hard precision quad operational amplifier
26-Apr-2011
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
New Japan Radio
NJMOP177 NJRC-NJMOP177 Datasheet
1Mb / 18P
Single Precision Operational Amplifier
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com