Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRIX4K Datasheet(PDF) 9 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SRIX4K Datasheet HTML 5Page - STMicroelectronics SRIX4K Datasheet HTML 6Page - STMicroelectronics SRIX4K Datasheet HTML 7Page - STMicroelectronics SRIX4K Datasheet HTML 8Page - STMicroelectronics SRIX4K Datasheet HTML 9Page - STMicroelectronics SRIX4K Datasheet HTML 10Page - STMicroelectronics SRIX4K Datasheet HTML 11Page - STMicroelectronics SRIX4K Datasheet HTML 12Page - STMicroelectronics SRIX4K Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
SRIX4K
Data transfer
9/47
3
Data transfer
3.1
Input data transfer from the reader to the SRIX4K (request
frame)
The reader must generate a 13.56 MHz sinusoidal carrier frequency at its antenna, with
enough energy to “remote-power” the memory. The energy received at the SRIX4K’s
antenna is transformed into a supply voltage by a regulator, and into data bits by the ASK
demodulator. For the SRIX4K to decode correctly the information it receives, the reader
must 10% amplitude-modulate the 13.56 MHz wave before sending it to the SRIX4K. This is
represented in Figure 3. The data transfer rate is 106 Kbits/s.
Figure 3.
10% ASK modulation of the received wave
3.1.1
Character transmission format for request frame
The SRIX4K transmits and receives data bytes as 10-bit characters, with the least
significant bit (b0) transmitted first, as shown in Figure 4. Each bit duration, an ETU
(elementary time unit), is equal to 9.44 µs (1/106 kHz).
These characters, framed by a start of frame (SOF) and an end of frame (EOF), are put
together to form a command frame as shown in Figure 10. A frame includes an SOF,
commands, addresses, data, a CRC and an EOF as defined in the ISO 14443-3 Type B
Standard. If an error is detected during data transfer, the SRIX4K does not execute the
command, but it does not generate an error frame.
Figure 4.
SRIX4K request frame character format
DATA BIT TO TRANSMIT
TO THE
10% ASK MODULATION
OF THE 13.56MHz WAVE,
GENERATED BY THE READER
Transfer time for one data bit is 1/106 kHz
SRIX4K
AI05729
ai07664
1 ETU
Start
"0"
Stop
"1"
MSb
LSb
Information Byte
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com