Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRIX4K Datasheet(PDF) 46 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SRIX4K Datasheet HTML 39Page - STMicroelectronics SRIX4K Datasheet HTML 40Page - STMicroelectronics SRIX4K Datasheet HTML 41Page - STMicroelectronics SRIX4K Datasheet HTML 42Page - STMicroelectronics SRIX4K Datasheet HTML 43Page - STMicroelectronics SRIX4K Datasheet HTML 44Page - STMicroelectronics SRIX4K Datasheet HTML 45Page - STMicroelectronics SRIX4K Datasheet HTML 46Page - STMicroelectronics SRIX4K Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Revision history
SRIX4K
46/47
Revision history
Table 10.
Document revision history
Date
Version
Changes
28-Nov-2002
1.0
Document written
17-Jul-2003
1.1
Data briefing extracted
12-Mar-2004
2.0
First public release of full datasheet
26-Apr-2004
3.0
Correction to memory map
29-Nov-2004
4.0
Package mechanical section revised.
13-Dec-2004
5.0
VRET and CTUN parameters added to Table 7: DC characteristics.
17-Aug-2005
6.0
Updated initial counter values in Section 4.2: 32-bit binary counters on
page 16.
10-Apr-2007
7
Document reformatted. Small text changes.
All antennas are ECOPACK® compliant.
Unique Identifier (UID) on page 38 added. CTUN min and max values
removed, typical value added in Table 7: DC characteristics.
Space removed between t0 and t1 in “frame exchange between reader
and SRIX4K” Figures (see Appendix B: SRIX4K command summary on
page 44).
28-Aug-2008
8
SRIX4K products no longer delivered in A3, A4 and A5 antennas.
Table 5: Absolute maximum ratings and Table 9: Ordering information
scheme clarified. Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com