Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRIX4K Datasheet(PDF) 31 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SRIX4K Datasheet HTML 27Page - STMicroelectronics SRIX4K Datasheet HTML 28Page - STMicroelectronics SRIX4K Datasheet HTML 29Page - STMicroelectronics SRIX4K Datasheet HTML 30Page - STMicroelectronics SRIX4K Datasheet HTML 31Page - STMicroelectronics SRIX4K Datasheet HTML 32Page - STMicroelectronics SRIX4K Datasheet HTML 33Page - STMicroelectronics SRIX4K Datasheet HTML 34Page - STMicroelectronics SRIX4K Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
SRIX4K
SRIX4K commands
31/47
9.3
Slot_marker(SN) command
Command code = x6h
The SRIX4K must be in Inventory state to interpret the Slot_marker(SN) command.
The Slot_marker byte code is divided into two parts:
b3 to b0: 4-bit command code
with fixed value 6.
b7 to b4: 4 bits known as the Slot_number (SN). They assume a value between 1 and
15. The value 0 is reserved by the Pcall16() command.
On receiving the Slot_marker() command, the SRIX4K compares its Chip_slot_number
value with the Slot_number value given in the command code. If they match, the SRIX4K
returns its Chip_ID value. If not, the SRIX4K does not send any response.
The Slot_marker() command, used together with the Pcall16() command, allows the reader
to search for all the Chip_IDs when there are more than one SRIX4K device in Inventory
state present in the reader field range.
Figure 30.
Slot_marker request format
Request parameter:
x: Slot number
Figure 31.
Slot_marker response format
Response parameters:
Chip_ID of the SRIX4K
Figure 32.
Slot_marker frame exchange between reader and SRIX4K
SOF
SLOT_MARKER
CRCL
CRCH
EOF
AI07675
X6h
8 bits
8 bits
SOF
Chip_ID
CRCL
CRCH
EOF
AI07671
8 bits
8 bits
8 bits
SOF
X6h
CRCL
CRCH EOF
AI07676b
Reader
SRIX4K
SOF
Chip_ID
CRCL CRCH
EOF
<-t0-><-t1->



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com