Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFEC10 Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 35Page - Lattice Semiconductor LFEC10 Datasheet HTML 36Page - Lattice Semiconductor LFEC10 Datasheet HTML 37Page - Lattice Semiconductor LFEC10 Datasheet HTML 38Page - Lattice Semiconductor LFEC10 Datasheet HTML 39Page - Lattice Semiconductor LFEC10 Datasheet HTML 40Page - Lattice Semiconductor LFEC10 Datasheet HTML 41Page - Lattice Semiconductor LFEC10 Datasheet HTML 42Page - Lattice Semiconductor LFEC10 Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 163 page
background image
3-3
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Supply Current (Standby)
1, 2, 3, 4
Over Recommended Operating Conditions
1. For further information about supply current, please see the list of technical documentation at the end of this data sheet.
2. Assumes all outputs are tristated, all inputs are configured as LVCMOS and held at the VCCIO or GND.
3. Frequency 0MHz.
4. Pattern represents a “blank” configuration data file.
Symbol
Parameter
Device
Typ.
5
5. TJ=25
oC, power supplies at nominal voltage.
Units
ICC
Core Power Supply Current
LFEC1
6
mA
LFEC3
10
mA
LFECP6/LFEC6
15
mA
LFECP10/LFEC10
25
mA
LFECP15/LFEC15
35
mA
LFECP20/LFEC20
60
mA
LFECP33/LFEC33
85
mA
ICCAUX
Auxiliary Power Supply Current
15
mA
ICCPLL
PLL Power Supply Current
5
mA
ICCIO
Bank Power Supply Current
6
6. Per bank.
2mA
ICCJ
VCCJ Power Supply Current
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com