Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFEC10 Datasheet(PDF) 28 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 28 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 24Page - Lattice Semiconductor LFEC10 Datasheet HTML 25Page - Lattice Semiconductor LFEC10 Datasheet HTML 26Page - Lattice Semiconductor LFEC10 Datasheet HTML 27Page - Lattice Semiconductor LFEC10 Datasheet HTML 28Page - Lattice Semiconductor LFEC10 Datasheet HTML 29Page - Lattice Semiconductor LFEC10 Datasheet HTML 30Page - Lattice Semiconductor LFEC10 Datasheet HTML 31Page - Lattice Semiconductor LFEC10 Datasheet HTML 32Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 163 page
background image
2-25
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-29. Output Register Block
Figure 2-30. ODDRXB Primitive
Tristate Register Block
The tristate register block provides the ability to register tri-state control signals from the core of the device before
they are passed to the sysI/O buffers. The block contains a register for SDR operation and an additional latch for
DDR operation. Figure 2-31 shows the diagram of the Tristate Register Block.
In SDR mode, ONEG1 feeds one of the flip-flops that then feeds the output. The flip-flop can be configured a D-
type or latch. In DDR mode, ONEG1 is fed into one register on the positive edge of the clock and OPOS1 is
latched. A multiplexer running off the same clock selects the correct register for feeding to the output (D0).
D
Q
D
Q
D-Type
ONEG0
From
Routing
CLK1
Programmed
Control
DO
Latch
LE*
*Latch is transparent when input is low.
OPOS0
OUTDDN
/LATCH
0
1
0
1
To sysIO
Buffer
ODDRXB
LSR
Q
DB
CLK
DA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com