Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFEC10 Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # LFEC10
Description  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10 Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button LFEC10 Datasheet HTML 9Page - Lattice Semiconductor LFEC10 Datasheet HTML 10Page - Lattice Semiconductor LFEC10 Datasheet HTML 11Page - Lattice Semiconductor LFEC10 Datasheet HTML 12Page - Lattice Semiconductor LFEC10 Datasheet HTML 13Page - Lattice Semiconductor LFEC10 Datasheet HTML 14Page - Lattice Semiconductor LFEC10 Datasheet HTML 15Page - Lattice Semiconductor LFEC10 Datasheet HTML 16Page - Lattice Semiconductor LFEC10 Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 163 page
background image
2-10
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
grammed during configuration or can be adjusted dynamically. In dynamic mode, the PLL may lose lock after
adjustment and not relock until the tLOCK parameter has been satisfied. Additionally, the phase and duty cycle block
allows the user to adjust the phase and duty cycle of the CLKOS output.
The sysCLOCK PLLs provide the ability to synthesize clock frequencies. Each PLL has four dividers associated
with it: input clock divider, feedback divider, post scalar divider and secondary clock divider. The input clock divider
is used to divide the input clock signal, while the feedback divider is used to multiply the input clock signal. The post
scalar divider allows the VCO to operate at higher frequencies than the clock output, thereby increasing the fre-
quency range. The secondary divider is used to derive lower frequency outputs.
Figure 2-11. PLL Diagram
Figure 2-12 shows the available macros for the PLL. Table 2-5 provides signal description of the PLL Block.
Figure 2-12. PLL Primitive
VCO
CLKOS
CLKOK
LOCK
RST
CLKFB
from CLKOP
(PLL internal),
from clock net
(CLKOP) or
from a user
clock (PIN or logic)
Dynamic Delay Adjustment
Input Clock
Divider
(CLKI)
Feedback
Divider
(CLKFB)
Post Scalar
Divider
(CLKOP)
Phase/Duty
Select
Secondary
Clock
Divider
(CLKOK)
Delay
Adjust
Voltage
Controlled
Oscillator
CLKI
(from routing or
external pin)
CLKOP
EPLLB
CLKOP
CLKI
CLKFB
LOCK
EHXPLLB
CLKOS
CLKI
CLKFB
CLKOK
LOCK
RST
CLKOP
DDAIZR
DDAILAG
DDA MODE
DDAIDEL[2:0]
DDAOZR
DDAOLAG
DDAODEL[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com