Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST750AC Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST750AC
Description  Adjustable step-down, current-mode PWM DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST750AC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST750AC Datasheet HTML 3Page - STMicroelectronics ST750AC Datasheet HTML 4Page - STMicroelectronics ST750AC Datasheet HTML 5Page - STMicroelectronics ST750AC Datasheet HTML 6Page - STMicroelectronics ST750AC Datasheet HTML 7Page - STMicroelectronics ST750AC Datasheet HTML 8Page - STMicroelectronics ST750AC Datasheet HTML 9Page - STMicroelectronics ST750AC Datasheet HTML 10Page - STMicroelectronics ST750AC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ST750A
Electrical characteristics
7/14
5
Electrical characteristics
Table 4.
Electrical characteristics (VCC=5V, IO = 0mA, TA = TMIN to TMAX, unless otherwise
specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Input voltage
4
11
V
VO
Output voltage
VCC = 6 to 11V, IO = 0 to 450mA
4.75
5
5.25
V
ΔVO
Line regulation
VCC = 4 to 11V
0.15
%/V
ΔVO
Load regulation
IO = 0 to 450mA
0.005
%/mA
η
Power efficiency
IO = 300mA
92
%
ISUPPLY Supply current
ON Mode
0.8
2.5
mA
OFF Mode, SHDN = 0
0.3
100
µA
VIH
SHDN Input high threshold
2
V
VIL
SHDN Input low threshold
VCC Falling
0.25
V
ISHDN
Shutdown input leakage current ILX = 500mA
1
μA
VLOCK
Under voltage lockout
VCC = 12V, VLX = 0V
2.7
3
V
RDS(on) LX On resistance
TA = 25°C
0.5
Ω
ILX
LX Leakage current
1
µA
VREF
Reference voltage
1.17
1.24
1.31
V
ΔVREF Temperature reference drift
50
ppm/°C
fOSC
Switching frequency
C series
160
200
280
KHz
RC
Compensation pin impedance
7500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com