Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST750AC Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST750AC
Description  Adjustable step-down, current-mode PWM DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST750AC Datasheet(HTML) 1 Page - STMicroelectronics

  ST750AC Datasheet HTML 1Page - STMicroelectronics ST750AC Datasheet HTML 2Page - STMicroelectronics ST750AC Datasheet HTML 3Page - STMicroelectronics ST750AC Datasheet HTML 4Page - STMicroelectronics ST750AC Datasheet HTML 5Page - STMicroelectronics ST750AC Datasheet HTML 6Page - STMicroelectronics ST750AC Datasheet HTML 7Page - STMicroelectronics ST750AC Datasheet HTML 8Page - STMicroelectronics ST750AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2007
Rev. 3
1/14
14
ST750A
Adjustable step-down, current-mode PWM DC-DC converters
Features
■ Up to 450mA load currents
■ 200kHz high-frequency current-mode PWM
■ 85% to 96% efficiencies
■ 33mH or 100mH pre-selected inductor value,
no component design required
■ 0.8mA quiescent current
■ 0.3µA shutdown supply current
■ Adjustable output voltage
■ Overcurrent, soft-start and undervoltage
lockout protection
■ Cycle-by-cycle current limiting
■ Package available: SO-8
Description
The ST750A is an adjustable output CMOS, step-
down switching regulator. The ST750A accepts
inputs between 4V and 11V and delivers 450mA.
Typical efficiencies are 85% to 96%.
Quiescent supply current is 0.8mA and only
0.3mA in shutdown mode. The output does not
exhibit frequency over this specified range. Pulse-
width modulation (PWM) current-mode control
provides precise output regulation and excellent
transient responses. Output voltage accuracy is
guaranteed to be ±4.5% plus feedback resistor
tolerance over line, load, and temperature
variations.
Fixed-frequency switching and absence of sub-
harmonic ripple allows easy filtering of output
ripple and noise, as well as the use of small
external components. This regulators require only
a single inductor value to work in most
applications, so no inductor design is necessary.
Typical applications are: Cellular phones &
radios, portable Instruments, Portable
Communications Equipment and Computer
Peripherals.
SO-8
www.st.com
Order code
Part number
Packaging
ST750AC
ST750ACDTR


Similar Part No. - ST750AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST750AC STMICROELECTRONICS-ST750AC Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST750ACD STMICROELECTRONICS-ST750ACD Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST750ACD-TR STMICROELECTRONICS-ST750ACD-TR Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST750ACN STMICROELECTRONICS-ST750ACN Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
More results

Similar Description - ST750AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com