Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST750AC Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST750AC
Description  Adjustable step-down, current-mode PWM DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST750AC Datasheet(HTML) 5 Page - STMicroelectronics

  ST750AC Datasheet HTML 1Page - STMicroelectronics ST750AC Datasheet HTML 2Page - STMicroelectronics ST750AC Datasheet HTML 3Page - STMicroelectronics ST750AC Datasheet HTML 4Page - STMicroelectronics ST750AC Datasheet HTML 5Page - STMicroelectronics ST750AC Datasheet HTML 6Page - STMicroelectronics ST750AC Datasheet HTML 7Page - STMicroelectronics ST750AC Datasheet HTML 8Page - STMicroelectronics ST750AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ST750A
Maximum ratings
5/14
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC Input voltage
-0.3 to 12
V
VLX
Switch pin voltage
-0.3 to (VCC + 0.3)
V
VSHDN
Shutdown voltage (SHDN)
-0.3 to (VCC + 0.3)
V
VS,VC
Soft start (SS) and compensation capacitor (CC) pins voltage
-0.3 to (VCC + 0.3)
V
ILX
Switching peak current
2
A
IREF
Reference current
2.5
mA
PTOT
Continuous power dissipation at TA=70°C
SO-8
344
mW
Tstg
Storage temperature range
-40 to +150
°C
Top
Operating junction temperature range
C series
0 to +70
°C
Table 3.
Thermal data
Symbol
Parameter
SO-8
Unit
RthJA
Thermal resistance junction-ambient (1)
160
°C/W
1.
This value depends from thermal design of PCB on which the device is mounted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com