Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6253CB3/XXX Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST6253CB3/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6253CB3/XXX Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST6253CB3/XXX Datasheet HTML 64Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 65Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 66Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 67Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 68Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 69Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 70Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 71Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
68/84
ST62T53C/T60C/T63C ST62E60C
DC ELECTRICAL CHARACTERISTICS (Cont’d)
(TA = -40 to +85°C unless otherwise specified))
Note:
(*) All Peripherals in stand-by.
6.4 AC ELECTRICAL CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
Notes:
1. Period for which VDD has to be connected at 0V to allow internal Reset function at next power-up.
2 An oscillator frequency above 1MHz is recommended for reliable A/D results.
3. Measure performed with OSCin pin soldered on PCB, with an around 2pF equivalent capacitance.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Vup
LVD Threshold in power-on
Vdn +50 mV
4.1
4.3
V
Vdn
LVD threshold in powerdown
3.6
3.8
Vup -50 mV
V
VOL
Low Level Output Voltage
All Output pins
VDD= 5.0V; IOL = +10µA
VDD= 5.0V; IOL = + 5mA
VDD= 5.0V; IOL = + 10mAv
0.1
0.8
1.2
V
Low Level Output Voltage
30 mA Sink I/O pins
VDD= 5.0V; IOL = +10µA
VDD= 5.0V; IOL = +10mA
VDD= 5.0V; IOL = +20mA
VDD= 5.0V; IOL = +30mA
0.1
0.8
1.3
2.0
VOH
High Level Output Voltage
All Output pins
VDD= 5.0V; IOH = -10µA
VDD= 5.0V; IOH = -5.0mA
4.9
3.5
V
IDD
Supply Current in STOP
Mode, with LVD disabled(*)
ILOAD=0mA
VDD=5.0V
10
µA
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tREC
Supply Recovery Time (1)
100
ms
TWEE
EEPROM Write Time
TA = 25°C
TA = 85°C
TA = 125°C
5
10
20
10
20
30
ms
Endurance
(2)
EEPROM WRITE/ERASE Cycle
QA LOT Acceptance (25°C)
300,000 1 million
cycles
Retention
EEPROM Data Retention
TA = 55°C
10
years
fLFAO
Internal frequency with LFAO active
200
400
800
kHz
fOSG
Internal Frequency with OSG
enabled2)
VDD = 3V
VDD = 3.6V
VDD = 4.5V
VDD = 6V
1
1
2
2
fOSC
MHz
fRC
Internal frequency with RC oscilla-
tor and OSG disabled2) 3)
VDD=5.0V (Except 626xB ROM)
R=47k
Ω
R=100k
Ω
R=470k
Ω
4
2.7
800
5
3.2
850
5.8
3.5
900
MHz
MHz
kHz
VDD=5.0V (626xB ROM)
R=10k
Ω
R=27k
Ω
R=67k
Ω
R=100k
Ω
6.3
4.7
2.8
2.2
8.2
5.9
3.6
2.8
9.8
7
4.3
3.4
MHz
MHz
MHz
MHz
CIN
Input Capacitance
All Inputs Pins
10
pF
COUT
Output Capacitance
All Outputs Pins
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com