Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6253CB3/XXX Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST6253CB3/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6253CB3/XXX Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST6253CB3/XXX Datasheet HTML 65Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 66Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 67Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 68Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 69Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 70Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 71Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 72Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
69/84
ST62T53C/T60C/T63C ST62E60C
6.5 A/D CONVERTER CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
Notes:
1.
Noise at VDD, VSS <10mV
2.
With oscillator frequencies less than 1MHz, the A/D Converter accuracy is decreased.
6.6 TIMER CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
6.7 SPI CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
6.8 ARTIMER ELECTRICAL CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Res
Resolution
8
Bit
ATOT
Total Accuracy (1) (2)
fOSC > 1.2MHz
fOSC > 32kHz
±2
±4
LSB
tC
Conversion Time
fOSC = 8MHz (TA < 85°C)
fOSC = 4 MHz
70
140
µs
ZIR
Zero Input Reading
Conversion result when
VIN = VSS
00
Hex
FSR
Full Scale Reading
Conversion result when
VIN = VDD
FF
Hex
ADI
Analog Input Current During
Conversion
VDD= 4.5V
1.0
µA
ACIN
Analog Input Capacitance
2
5
pF
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
fIN
Input Frequency on TIMER Pin
MHz
tW
Pulse Width at TIMER Pin
VDD = 3.0V
VDD >4.5V
1
125
µs
ns
fINT
4
----------
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
FCL
Clock Frequency
Applied on Scl
500
kHz
tSU
Set-up Time
Applied on Sin
250
ns
th
Hold Time
Applied onSin
50
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
fIN
Input Frequency on ARTIMin Pin
RUN and WAIT Modes
MHz
STOP mode
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com