Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6253CB3/XXX Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST6253CB3/XXX
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6253CB3/XXX Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST6253CB3/XXX Datasheet HTML 72Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 73Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 74Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 75Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 76Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 77Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 78Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 79Page - STMicroelectronics ST6253CB3/XXX Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
76/84
ST62T53C/T60C/T63C ST62E60C
PACKAGE MECHANICAL DATA (Cont’d)
Figure 53. 20-Pin Plastic Small Outline Package, 300-mil Width
7.2 ORDERING INFORMATION
Table 23OTP/EPROM VERSION ORDERING INFORMATION
Sales Type
Program
Memory (Bytes)
EEPROM (Bytes)
Temperature Range
Package
ST62T53CB6
ST62T53CB3
1836 (OTP)
-
-40 to + 85°C
-40 to + 125°C
PDIP20
ST62T53CM6
ST62T53CM3
-40 to + 85°C
-40 to + 125°C
PSO20
ST62T60CB6
ST62T60CB3
3884 (OTP)
128
-40 to + 85°C
-40 to + 125°C
PDIP20
ST62T60CM6
ST62T60CM3
-40 to + 85°C
-40 to + 125°C
PSO20
ST62T63CB6
1836 (OTP)
64
-40 to + 85°C
PDIP20
ST62T63CM6
PSO20
ST62E60CF1
3884 (EPROM)
128
0 to +70°C
CDIP20
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.093
0.104
A1
0.10
0.30 0.004
0.012
B
0.33
0.51 0.013
0.020
C
0.23
0.32 0.009
0.013
D
12.60
13.00 0.496
0.512
E
7.40
7.60 0.291
0.299
e
1.27
0.050
H
10.00
10.65 0.394
0.419
h
0.25
0.75 0.010
0.030
α
0°
8°
0°
8°
L
0.40
1.27 0.016
0.050
Number of Pins
N
20
EH
A
A1
B
e
D
c
h x 45×
L
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com