Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6701DF2PL Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6701DF2PL
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DF2PL Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6701DF2PL Datasheet HTML 11Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 12Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 13Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 14Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 15Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 16Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 17Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 18Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
15/32
XC6701
Series
(3) Dropout Voltage vs. Output Current
■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
XC6701B/D 182
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
150
Output Current : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
V
IN=VCE, CIN=CL=1.0μF(ceramic)
XC6701B/D 502
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
150
Output Current : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
VIN=VCE, CIN=CL=1.0μF(ceramic)
XC6701B/D C02
9.0
10.0
11.0
12.0
13.0
14.0
15.0
10
11
12
13
14
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
VIN=VCE, CIN=CL=1.0μF(ceramic), Ta=25℃
XC6701B/D C02
9.0
10.0
11.0
12.0
13.0
14.0
15.0
14
16
18
20
22
24
26
28
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
VIN=VCE, CIN=CL=1.0μF(ceramic), Ta=25℃
XC6701B/D J02
15.0
16.0
17.0
18.0
19.0
20.0
21.0
16
17
18
19
20
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
VIN=VCE, CIN=CL=1.0μF(ceramic), Ta=25℃
XC6701B/D J02
15.0
16.0
17.0
18.0
19.0
20.0
21.0
20
22
24
26
28
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
VIN=VCE, CIN=CL=1.0μF(ceramic), Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com