Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6701DF2PL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6701DF2PL
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DF2PL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6701DF2PL Datasheet HTML 1Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 2Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 3Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 4Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 5Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 6Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 7Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 8Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3/32
XC6701
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
: Fixed output voltage with CE function (High Active)
①
Type and Options of
Regulators
D
: Fixed output voltage with no CE function
18 ~ 99
: For the voltage within 1.8V ~9.9V;
e.g. 2.5V
⇒ 25
5.0V
⇒ 50
②③
Output Voltage
A ~ H, J
: For the voltage above 10.0V;
e.g. 11.6V
⇒ B6
15.2V
⇒ F2
18.0V
⇒ J0
④
Output Voltage
Accuracy
2
: Output voltage 100mV increments, within
±2% accuracy
e.g. 2.5V
⇒ ②=2, ③=5, ④=2
M
: SOT-25 ( for B type only)
P
: SOT-89 (for D type only)
P
: SOT-89-5 (for B type only)
E
: USP-6C (for B type only)
F
: SOT-223 (for D type only)
⑤
Packages
J
: TO-252 (for D type only)
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
XC6701
①②③④⑤⑥
■ PRODUCT CLASSIFICATION
●Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com