Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6701DF2PL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6701DF2PL
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DF2PL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6701DF2PL Datasheet HTML 1Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 2Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 3Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 4Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 5Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 6Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 7Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 8Page - Torex Semiconductor XC6701DF2PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/32
XC6701
Series
Ta=+25
℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Output Voltage
VOUT(E)
IOUT=10mA, VCE=VIN
E-0
V
①
VIN= VOUT(T)+3.0V , VCE=VIN
(VOUT(T)≧3.0V)
150
-
-
mA
①
Maximum Output Current
IOUTMAX
VIN=VOUT(T)+3.0V, VCE=VIN
(VOUT(T)
<3.0V)
100
-
-
mA
①
1mA
≦IOUT≦50mA , VCE=VIN
1.8V
≦VOUT(T)≦5.0V
-
50
90
1mA
≦IOUT≦50mA , VCE=VIN
5.1V
≦VOUT(T)≦12.0V
-
110
175
Load Regulation
△VOUT
1mA
≦IOUT≦50mA , VCE=VIN
12.1V
≦VOUT(T)≦18.0V
-
180
275
mV
①
Dropout Voltage 1
Vdif1
IOUT=20mA, VCE=VIN
E-2
mV
①
Dropout Voltage 2
Vdif2
IOUT=100mA ,VCE=VIN
E-3
mV
①
1.8V
≦VOUT(T)≦5.0V
11
50
105
5.1V
≦VOUT(T)≦12.0V
11
60
115
Supply Current
ISS
12.1V
≦VOUT(T)≦18.0V
11
65
125
μA
②
Stand-by Current
Istby
VCE=VSS
-
0.01
0.10
μA
②
Line Regulation 1
△VOUT /
△VIN・VOUT(T)
VOUT(T)+2.0V
≦VIN≦28.0V
IOUT=5mA , VCE=VIN
-
0.05
0.10
%
/V
①
Line Regulation 2
△VOUT /
△VIN・VOUT(T)
VOUT(T)+2.0V
≦VIN≦28.0V
IOUT=13mA , VCE=VIN
-
0.15
0.30
%
/V
①
Input Voltage
VIN
2.0
-
28.0
V
-
Output Voltage
Temperature Characteristics
△VOUT /
△Ta・VOUT(T)
IOUT=20mA, VCE=VIN
-40
℃≦Ta≦85℃
-
±100
-
ppm/
℃
①
Ripple Rejection Rate
PSRR
VIN=[VOUT(T)+2.0V]+0.5Vp-pAC
IOUT=20mA , f=1kHz , VCE=VIN
-
50
-
dB
③
Short Current
Ishort
VIN=VOUT(T)+2.0V , VCE=VIN
-
40
-
mA
①
CE ”H” Level Voltage
VCEH
VIN=28.0V
1.1
-
VIN
V
①
CE ”L” Level Voltage
VCEL
VIN=28.0V
0
-
0.35
V
①
CE ”H” Level Current
ICEH
VIN=VCE=28.0V
-0.1
-
0.1
μA
①
CE ”L” Level Current
ICEL
VIN=28.0V, VCE=VSS
-0.1
-
0.1
μA
①
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
℃
①
Thermal Shutdown Release
Temperature
TTSR
Junction Temperature
-
125
-
℃
①
Hysteresis Width
TTSD-TTSR
Junction Temperature
-
25
-
℃
-
NOTE:
*1: VOUT(T): Specified output voltage
*2: VOUT(E): Effective output voltage
(i.e. the output voltage when “VOUT(T)+2.0V” is provided at the VIN pin while maintaining a certain IOUT value.)
*3: Vdif={VIN1
{Note 5} - VOUT1 {Note 4}}
*4: VOUT1: A voltage equal to 98% of the output voltage whenever an amply stabilized when VOUT(T) < 3.0V, IOUT{VOUT(T)+3.0V} is input.
: A voltage equal to 98% of the output voltage whenever an amply stabilized when VOUT(T)
≧3.0V, IOUT{VOUT(T)+2.0V} is input.
*5: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased.
*6: Unless otherwise stated, VIN=VOUT(T)+2.0V.
●XC6701B Series
■ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com