Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/EU Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7MDT2-EPB2/EU
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/EU Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/EU Datasheet HTML 63Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 64Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 65Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 66Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 67Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 68Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 69Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 70Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
67/150
16-BIT TIMER (Cont’d)
13.3.4 Low Power Modes
13.3.5 Interrupts
Note: The 16-bit Timer interrupt events are connected to the same interrupt vector (see INTERRUPTS
chapter). These events generate an interrupt if the corresponding Enable Control Bit is set and the inter-
rupt mask in the CC register is reset (RIM instruction).
13.3.6 Summary of Timer modes
Notes:
1. See note 4 in Section 13.3.3.5 "One Pulse Mode" on page 64
2. See note 5 in Section 13.3.3.5 "One Pulse Mode" on page 64
3. See note 4 in Section 13.3.3.6 "Pulse Width Modulation Mode" on page 66
Mode
Description
WAIT
No effect on 16-bit Timer.
Timer interrupts cause the device to exit from Wait mode.
HALT
16-bit Timer registers are frozen.
In Halt mode, the counter stops counting until Halt mode is exited. Counting resumes from the previous
count when the MCU is woken up by an interrupt with “exit from Halt mode” capability or from the counter
reset value when the MCU is woken up by a RESET.
If an input capture event occurs on the ICAPi pin, the input capture detection circuitry is armed. Consequent-
ly, when the MCU is woken up by an interrupt with “exit from Halt mode” capability, the ICFi bit is set, and
the counter value present when exiting from Halt mode is captured into the ICiR register.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Input Capture 1 event/Counter reset in PWM mode
ICF1
ICIE
Yes
No
Input Capture 2 event
ICF2
Yes
No
Output Compare 1 event (not available in PWM mode)
OCF1
OCIE
Yes
No
Output Compare 2 event (not available in PWM mode)
OCF2
Yes
No
Timer Overflow event
TOF
TOIE
Yes
No
Modes
Available Resources
Input Capture 1
Input Capture 2
Output Compare 1 Output Compare 2
Input Capture (1 and/or 2)
Yes
Yes
Yes
Yes
Output Compare (1 and/or 2)
Yes
Yes
Yes
Yes
One Pulse mode
No
Not Recommended1)
No
Partially 2)
PWM Mode
No
Not Recommended3)
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com