Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/EU Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7MDT2-EPB2/EU
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/EU Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/EU Datasheet HTML 10Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 11Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 12Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 13Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 14Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 15Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 16Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 17Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
14/150
4 REGISTER AND MEMORY MAP
As shown in the Figure 4, the MCU is capable of
addressing 64 Kbytes of memories and I/O regis-
ters.
The available memory locations consist of 128
bytes of register locations, 384 or 512 bytes of
RAM, up to 256 bytes of data EEPROM and 4 or
8 Kbytes of user program memory. The RAM
space includes up to 256 bytes for the stack from
0100h to 01FFh.
The highest address bytes contain the user reset
and interrupt vectors.
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device.
Figure 4. Memory Map
0000h
Interrupt and Reset Vectors
HW Registers
027Fh
0080h
16-bit Addressing
RAM
007Fh
0200h / 0280h
0BFFh
Reserved
0080h
(see Table 2)
0C00h
FFDFh
FFE0h
FFFFh
(see Table 6 on page 35)
027Fh
C000h
Reserved
256 bytes Data EEPROM
0CFFh
0D00h
BFFFh
00FFh
0100h
01FFh
0200h
8 Kbytes
E000h
16 Kbytes
Program
Short Addressing RAM
Zero page
0080h
00FFh
01FFh
01FFh
384 bytes RAM
512 bytes RAM
Stack or
16-bit Addressing RAM
0100h
Memory
Program
Memory
8 Kbytes
E000h
C000h
16 Kbytes
FFFFh
(128 bytes)
(256 bytes)
Short Addressing RAM
Zero page
Stack or
16-bit Addressing RAM
(128 bytes)
(256 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com