Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/EU Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7MDT2-EPB2/EU
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/EU Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/EU Datasheet HTML 4Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 5Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 6Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 7Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 8Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 9Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 10Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 11Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
8/150
2 INTRODUCTION
The ST72334J/N-Auto, ST72314J/N-Auto and
ST72124J-Auto devices are members of the ST7
microcontroller family. They can be grouped as fol-
lows:
– ST72334J/N-Auto devices are designed for mid-
range applications with Data EEPROM, ADC,
SPI and SCI interface capabilities.
– ST72314J/N-Auto devices target the same
range of applications but without Data EEPROM.
– ST72124J-Auto devices are for applications that
do not need Data EEPROM and the ADC periph-
eral.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set.
The ST72C334J/N-Auto, ST72C314J/N-Auto and
ST72C124J-Auto versions feature single-voltage
Flash memory with byte-by-byte In-Situ Program-
ming (ISP) capability.
Under software control, all devices can be placed
in Wait, Slow, Active Halt or Halt mode, reducing
power consumption when the application is in idle
or standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
For easy reference, all parametric data is located
in Section 15 on page 108.
Figure 1. General Block Diagram
8-bit CORE
ALU
OSC1
ISPSEL
CONTROL
PROGRAM
(8 or 16 Kbytes)
VSS
RESET
PORT F
PF7,6,4,2:0
(6-bit)
TIMER A
BEEP
PORT A
RAM
(384 or 512 bytes)
PORT C
8-bit ADC
VDDA
VSSA
PORT B
PB7:0
PORT E
PE7:0
SCI
TIMER B
PA7:0
PORT D
PD7:0
SPI
PC7:0
(8-bit)
VDD
EEPROM
(256 bytes)
WATCHDOG
MULTI-OSC
LVD
OSC2
MEMORY
MCC/RTC
+
CLOCK FILTER
(8-bit for N versions)
(5-bit for J versions)
(8-bit for N versions)
(5-bit for J versions)
(6-bit for N versions)
(2-bit for J versions)
(8-bit for N versions)
(6-bit for J versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com