Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/EU Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST7MDT2-EPB2/EU
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/EU Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/EU Datasheet HTML 141Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 142Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 143Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 144Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 145Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 146Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 147Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 148Page - STMicroelectronics ST7MDT2-EPB2/EU Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
145/150
MICROCONTROLLER OPTION LIST
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM code*:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
*The ROM or FASTROM code name is assigned by STMicroelectronics.
ROM or FASTROM code must be sent in .S19 format. .Hex extension cannot be processed.
STMicroelectronics references
ROM Type/Memory Size/Package (check only one option):
-------------------------------------------------------------------------------------------
ROM DEVICE:
|
8K
|
16K
|
-------------------------------------------------------------------------------------------
TQFP44:
| [ ] ST72124J2T
|
|
| [ ] ST72314J2T
|
[ ] ST72314J4T
|
| [ ] ST72334J2T
|
[ ] ST72334J4T
|
TQFP64:
| [ ] ST72314N2T
|
[ ] ST72314N4T
|
| [ ] ST72334N2T
|
[ ] ST72334N4T
|
-------------------------------------------------------------------------------------------
FASTROM DEVICE:|
8K
|
16K
|
-------------------------------------------------------------------------------------------
TQFP44:
| [ ] ST72P124J2T |
|
| [ ] ST72P314J2T |
[ ] ST72P314J4T
|
| [ ] ST72P334J2T |
[ ] ST72P334J4T
|
TQFP64:
| [ ] ST72P314N2T |
[ ] ST72P314N4T
|
| [ ] ST72P334N2T |
[ ] ST72P334N4T
|
Conditioning:
[ ] Tape and Reel
[ ] Tray
Marking:
[ ] Standard marking
[ ] Special marking (ROM only):
TQFP (10 char. max) : _ _ _ _ _ _ _ _ _ _
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Please consult your local STMicroelectronics sales office for other marking details if required.
Temperature Range: [ ] -40°C to +85°C
[ ] -40°C to +105°C
[ ] -40°C to +125°C
Clock Source Selection:
Resonator:
[ ] LP: Low power resonator (1 to 2 MHz)
[ ] MP: Medium power resonator (2 to 4 MHz)
[ ] MS: Medium speed resonator (4 to 8 MHz)
[ ] HS: High speed resonator (8 to 16 MHz)
RC Network:
[ ] Internal
[ ] External
External Clock:
[ ]
Clock Security System:
[ ] Disabled
[ ] Enabled
LVD Reset:
[ ] Disabled
[ ] Enabled:
[ ] Highest threshold
[ ] Medium threshold
[ ] Lowest threshold
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Watchdog Reset on Halt:
[ ] Reset
[ ] No reset
Program Readout Protection:
[ ] Disabled
[ ] Enabled
Data EEPROM Readout Protection*:
[ ] Disabled
[ ] Enabled
*available on ST72334 only
Comments: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Operating Range in the application:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com