Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOAT-R512+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # TOAT-R512+
Description  50廓 TTL Control, Pin Diode 10 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TOAT-R512+ Datasheet(HTML) 1 Page - Mini-Circuits

  TOAT-R512+ Datasheet HTML 1Page - Mini-Circuits TOAT-R512+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NEW
50
TTL Control, Pin Diode 10 to 1000 MHz
Digital Step Attenuator
Precision
TOAT-R512+
TOAT-R512
CASE STYLE: QQ96
PRICE: $64.45 ea. QTY (1-9)
Maximum Ratings
Pin Connections
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 125°C
Input Power
15 dBm
DC Voltage
5.5 V
TTL
5.5V
Outline Drawing
Digital Step Attenuator Electrical Specifications
REV. A
M109143
TOAT-R512
DJ/VV/CP
070326
Page 1 of 2
MODEL
NO.
FREQUENCY
(MHz)
PRIMARY ATTENUATION STEPS
(dB)
@TTL CONTROL PORT
ATTENUATION
(dB)
VSWR
(:1)
f
L
f
U
#1
#2
#3
(1,1,1)**
Nom.
(0,0,0)
Max.
LM
U
TOAT-R512(+)
10
1000
0.5±0.18
1±0.25
2±0.25
3.5
4.0
1.6
1.4
1.5
Applications
** Total attenuation above thru-loss.
1. Step accuracy is specified for basic steps. For combination of steps accuracy is additive.
2. Thru-loss is minimum insertion loss with all attenuation elements bypassed (All TTL controls state are Low)
3. For optimum operation of TOAT models, ensure the device case is properly connected to the ground plane (of PC board)
Additional Specifications
DC Voltage
+5V
DC Current
12mA max.
Switching Time (50% TTL to within specified
accuracy of the next-selected attenuation step,
and to within 0.1 dB of steady-state Thru-Loss)
10µs typ., 15µs max.,
TTL Input High Threshold
2V min
TTL Input Low Threshold
0.8V max.
TTL Toggle Rate
50 kHz typ.
1dB Compression
0 dBm (10-100 MHz)
+10 dBm (100-1000MHz)
L=10 to 100 MHz
M=100 to 500 MHz
U=500 to 1000 MHz
• wideband, 10 to 1000 MHz
• excellent step accuracy, 0.2 dB typ.
• excellent VSWR 1.3 typ.
• low DC current, 6 mA typ.
• hermetic, metal, TO-8 case
• base stations
• cellular
• test-sets
• military, hi-rel applications
RF IN
4
RF OUT
11
TTL CONTROL #1
2
TTL CONTROL #2
3
TTL CONTROL #3
1
+5V DC
12
CASE GROUND
5,6,7,8,9,10
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
Outline Dimensions (
)
Electrical Schematic
inch
mm
A
BC
D
E
F
.600
.250
.25
.016
.020
.04
15.24
6.35
6.35
0.41
0.51
1.02
GH
J
K
wt
.400
.200
.200
.100
grams
10.16
5.08
5.08
2.54
4.00


Similar Part No. - TOAT-R512+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TOAT-124 MINI-TOAT-124 Datasheet
190Kb / 2P
Digital Step Attenuator
TOAT-3610 MINI-TOAT-3610 Datasheet
89Kb / 2P
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz
TOAT-4816 MINI-TOAT-4816 Datasheet
193Kb / 2P
Digital Step Attenuator
TOAT-51020 MINI-TOAT-51020 Datasheet
189Kb / 2P
Digital Step Attenuator
More results

Similar Description - TOAT-R512+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TOAT-3610 MINI-TOAT-3610 Datasheet
89Kb / 2P
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz
ZSDR-425 MINI-ZSDR-425 Datasheet
128Kb / 1P
50ohm SP4T Pin Diode, TTL Driver 10 to 2500 MHz
ZFL-1000VH MINI-ZFL-1000VH Datasheet
189Kb / 2P
Amplifier 50廓 Medium Power 10 to 1000 MHz
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
ADC-15-4 MINI-ADC-15-4 Datasheet
240Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
JDC-10-4 MINI-JDC-10-4 Datasheet
311Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
TCD-13-4 MINI-TCD-13-4 Datasheet
282Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
TCD-18-4 MINI-TCD-18-4 Datasheet
281Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
TCD-20-4 MINI-TCD-20-4 Datasheet
282Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com