Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6258
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6258 Datasheet HTML 3Page - STMicroelectronics L6258 Datasheet HTML 4Page - STMicroelectronics L6258 Datasheet HTML 5Page - STMicroelectronics L6258 Datasheet HTML 6Page - STMicroelectronics L6258 Datasheet HTML 7Page - STMicroelectronics L6258 Datasheet HTML 8Page - STMicroelectronics L6258 Datasheet HTML 9Page - STMicroelectronics L6258 Datasheet HTML 10Page - STMicroelectronics L6258 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
L6258
Block diagram
7/32
Note:
The number in parenthesis shows the relevant Power Bridge of the circuit. Pins 18, 19, 1
and 36 are connected together.
8VDD (5V)
Supply voltage input for logic circuitry
9
GND
Power ground connection of the internal charge pump circuit
10
VCP1
Charge pump oscillator output
11
VCP2
Input for external charge pump capacitor
12
VBOOT
Overvoltage input for driving of the upper DMOS
13, 31
VS
Supply voltage input for output stage. They are shorted
internally
14
OUT2A
Bridge output connection (2)
15
I0_2
Logic input of the internal DAC (2). The output voltage of the
DAC is a percentage of the VRef voltage applied according
to the truth Table 5 on page 12.
16
I1_2
See pin 15
18, 19
PWR_GND
Ground connection. They also conduct heat from die to
printed circuit copper
20, 35
SENSE2, SENSE1 Negative input of the transconductance input amplifier (2, 1)
21
OUT2B
Bridge output connection and positive input of the
tranconductance (2)
22
I3_2
See pin 15
23
I2_2
See pin 15
24
EA_OUT_2
Error amplifier output (2)
25
EA_IN_2
Negative input of error amplifier (2)
26, 28
VREF2, VREF1
Reference voltages for the internal DACs, determining the
output current value. Output current also depends on the
logic inputs of the DAC and on the sensing resistor value
27
SIG_GND
Signal ground connection
29
EA_IN_1
Negative input of error amplifier (1)
30
EA_OUT_1
Error amplifier output (1)
32
I2_1
See pin 3
33
I3_1
See pin 3
34
OUT1B
Bridge output connection and positive input of the
tranconductance (1)
Table 3.
Pin functions (continued)
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com