Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6258
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6258 Datasheet HTML 11Page - STMicroelectronics L6258 Datasheet HTML 12Page - STMicroelectronics L6258 Datasheet HTML 13Page - STMicroelectronics L6258 Datasheet HTML 14Page - STMicroelectronics L6258 Datasheet HTML 15Page - STMicroelectronics L6258 Datasheet HTML 16Page - STMicroelectronics L6258 Datasheet HTML 17Page - STMicroelectronics L6258 Datasheet HTML 18Page - STMicroelectronics L6258 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
L6258
Functional description
15/32
With a positive differential voltage on VDAC (see Figure 5, the transconductance loop will be
positively unbalanced respected Vr.
In this case being the error amplifier output voltage greater than Vr, the output of the first
comparator is a square wave with a duty cycle higher than 50%, while the output of the
second comparator is a square wave with a duty cycle lower than 50%.
The variation in duty cycle obtained at the outputs of the two comparators is the same, but
one is positive and the other is negative with respect to the 50% level.
The two driving signals, generated in this case, drive the two outputs in such a way to have
switched current flowing from OUT_A through the motor winding to OUT_B.
With a negative differential voltage VDAC, the transconductance loop will be negatively
unbalanced respected Vr.
In this case the output of the first comparator is a square wave with a duty cycle lower than
50%, while the output of the second comparator is a square wave with a duty cycle higher
than 50%.
The variation in the duty cycle obtained at the outputs of the two comparators is always of
the same.
The two driving signals, generated in this case, drive the the two outputs in order to have the
switched current flowing from OUT_B through the motor winding to OUT_A.
2.7
Current control loop compensation
In order to have a flexible system able to drive motors with different electrical characteristics,
the non inverting input and the output of the error amplifier ( EA_OUT ) are available.
Connecting at these pins an external RC compensation network it is possible to adjust the
gain and the bandwidth of the current control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com