Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6258
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6258 Datasheet HTML 7Page - STMicroelectronics L6258 Datasheet HTML 8Page - STMicroelectronics L6258 Datasheet HTML 9Page - STMicroelectronics L6258 Datasheet HTML 10Page - STMicroelectronics L6258 Datasheet HTML 11Page - STMicroelectronics L6258 Datasheet HTML 12Page - STMicroelectronics L6258 Datasheet HTML 13Page - STMicroelectronics L6258 Datasheet HTML 14Page - STMicroelectronics L6258 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
L6258
Functional description
11/32
2.1
Reference voltage
The voltage applied to VREF pin is the reference for the internal DAC and, together with the
sense resistor value, defines the maximum current into the motor winding according to the
following relation:
where Rs = sense resistor value
Figure 4.
Power bridge configuration
I
MAX
0.5 V
REF
⋅
R
S
---------------------------
1
FI
-----
V
REF
R
S
--------------
⋅
==
LOAD
OUT_A
OUT_B
T1
T3
T2
T4
IN_A
IN_B
VS
0
OUTA
OUTB
Iload
0
OUTA
OUTB
Iload
0
OUTA
OUTB
Iload
Fig. 1A
Fig. 1B
Fig. 1C
D97IN624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com