Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 9Page - STMicroelectronics STE2007DIE2 Datasheet HTML 10Page - STMicroelectronics STE2007DIE2 Datasheet HTML 11Page - STMicroelectronics STE2007DIE2 Datasheet HTML 12Page - STMicroelectronics STE2007DIE2 Datasheet HTML 13Page - STMicroelectronics STE2007DIE2 Datasheet HTML 14Page - STMicroelectronics STE2007DIE2 Datasheet HTML 15Page - STMicroelectronics STE2007DIE2 Datasheet HTML 16Page - STMicroelectronics STE2007DIE2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
STE2007
Electrical characteristics
13/62
3.5
Driver TxData mode
Note:
1
Data Hold Time T1 depends on SCLK high time and Max Data Hold time. It is always 3-8ns
before SCLK pulse falling edge
2
The input signal rise and fall times must be within 10ns.
3
Every timing is specified on the basis of 30% and 70% of VDDI.
Note:
1
The input signal rise and fall times must be within 10ns.
2
Every timing is specified on the basis of 30% and 70% of VDDI.
Table 11.
Input signals change time
Signal
Symbol
Parameter
Min.
Typ.
Max.
Unit
Inputs
tr,tf
(1)
1.
To 30% & 70% levels
10
ns
Table 12.
Timings based on 4 MHz SCLK speed
Symbol
Item
Condition
Min.
Typ.
Max.
Units
T1
Data hold time
Note 1
100
125
ns
T2
Access time
10
100
ns
T3
Output disable time
25
100
ns
T4
Data setup time
100
ns
T5
!CS pulse width high
250
ns
Table 13.
Timings based on 1 MHz SCLK speed
Symbol
Item
Condition
Min.
Typ.
Max.
Units
T1
Data hold time
100
125
ns
T2
Access time
10
450
ns
T3
Output disable time
25
450
ns
T4
Data setup time
100
ns
T5
1CS pulse width high
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com