Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 44Page - STMicroelectronics STE2007DIE2 Datasheet HTML 45Page - STMicroelectronics STE2007DIE2 Datasheet HTML 46Page - STMicroelectronics STE2007DIE2 Datasheet HTML 47Page - STMicroelectronics STE2007DIE2 Datasheet HTML 48Page - STMicroelectronics STE2007DIE2 Datasheet HTML 49Page - STMicroelectronics STE2007DIE2 Datasheet HTML 50Page - STMicroelectronics STE2007DIE2 Datasheet HTML 51Page - STMicroelectronics STE2007DIE2 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
Commands
STE2007
48/62
8.12
VLCD set
The LCD Voltage VLCD at reference temperature (TA = 25°C) can be set using the Voltage
Range V0R, Electronic Volume EV and VOP registers content according to the following
formula:
VLCD (T=TA) = ( V0P[7:0] + EV[4:0] - 16 + 32 · V0R[2:0]) · B + VLCDMIN
with the following values:
For information on VLCD thermal compensation see PAR. 8.18 .
Figure 36.
Figure 37.
8.12.1
V0R - Voltage Range Set
This command sets a value of the Voltage Range.
Table 30.
V0R – Voltage Range
Symbol
Value
Unit
Note
B
0.04
V
Single Voltage Step
VLCDMIN
3V
TA
25
°C
Room Temperature
Vout
B
VOP[7:0]*B+V-OR
00h
FFh
10h
11h
12h
1Fh
00h
EV[3:0]
3V
13.20V
EV[4:0]
V0R[2:0]
DAC
VOUT
Step: 40mV
Range 3V-13.20V
Thermal
Compensation
(D/C)
D7D6D5D4
D3D2D1D0
Setting
0
0010
0
V0R - Voltage Range
Command Identifier + Data Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com