Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 16Page - STMicroelectronics STE2007DIE2 Datasheet HTML 17Page - STMicroelectronics STE2007DIE2 Datasheet HTML 18Page - STMicroelectronics STE2007DIE2 Datasheet HTML 19Page - STMicroelectronics STE2007DIE2 Datasheet HTML 20Page - STMicroelectronics STE2007DIE2 Datasheet HTML 21Page - STMicroelectronics STE2007DIE2 Datasheet HTML 22Page - STMicroelectronics STE2007DIE2 Datasheet HTML 23Page - STMicroelectronics STE2007DIE2 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Interface
STE2007
20/62
4.2
4-Line SPI
STE2007 4-lines serial interface is a bidirectional link between the display driver and the
host processor.
It consists of four lines:
–SDA Serial Data
–
SCL Serial Clock
–
!CS Peripheral enable: - Active Low- Enables and Disables the serial interface
–
Mode selection (D/!C).
The serial interface is active only if the !CS line is low. If !CS is low after the positive edge of
!RES, the serial interface is ready to receive data after the internal reset time.
4.2.1
MCU TxData mode (write mode)
STE2007 is always a slave device on the communication bus and receive the
communication clock on the SCL pin from the master. Information are exchanged byte-wide.
During data transfer, the data line is sampled by the receiver unit on the SCL rising edge.
D/!C line status set whether the byte is a command (D/!C =0) or a data (D/!C =1); D/!C line is
read on the eighth SCL clock pulse during every byte transfer.
If !CS stays low after the last bit of a command/data byte, the serial interface expects the
MSB of the next data byte on the next SCL positive edge.
If !CS line is forced high in the middle of a data transfer, not complete Data bytes and
Commands bytes are discarded.
A reset pulse on !RES pin interrupts any transmission.
Figure 10.
4-lines SPI commands transfe
Figure 11.
4-lines SPI Video data write cycle
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
LR0189
Hi-Z
D6
D5
D4
D3
D2
D1
D0
D7
D6
COMMAND
COMMAND
COMMAND
COMMAND
D0
D7
D6
D5
D4
D3
D2
D1
D0
D/!C
!CS
SDA
(input)
SCL
SDA
(output)
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
LR0190
Hi-Z
D6
D5
D4
D3
D2
D1
D0
D7
D6
COMMAND
DATA to VIDEO RAM
D0
D7
D6
D5
D4
D3
D2
D1
D0
D/!C
!CS
SDA
(input)
SCL
SDA
(output)
DATA to VIDEO RAM
DATA to VIDEO RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com