Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8810 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STN8810
Description  Mobile multimedia application processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STN8810 Datasheet HTML 2Page - STMicroelectronics STN8810 Datasheet HTML 3Page - STMicroelectronics STN8810 Datasheet HTML 4Page - STMicroelectronics STN8810 Datasheet HTML 5Page - STMicroelectronics STN8810 Datasheet HTML 6Page - STMicroelectronics STN8810 Datasheet HTML 7Page - STMicroelectronics STN8810 Datasheet HTML 8Page - STMicroelectronics STN8810 Datasheet HTML 9Page - STMicroelectronics STN8810 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STn8810
Overview
5/15
1.1
Smart video accelerator (SVA)
Using leading-edge technology, this block is a low-power, high-performance video
accelerator that supports the following features:
●
MPEG-4 simple profile level 0 codec video encoder and decoder; real time up to VGA
30 fps (encode only or decode only)
●
H.263 profile 0 level 10 video codec; real time subQCIF or QCIF 15 fps for video-
conferencing
●
H.263 profile 0 level 30 video encoder or decoder; real-time up to CIF 30 fps
●
JPEG baseline accelerated encoder or decoder, up to 4080 x 4080 pixels
●
Programmable DSP (MMDSP+) for intermediate level processing, clocked at 66 MHz
●
Picture pre-/post-processing
●
Low-power implementation
1.2
Smart audio accelerator (SAA)
This high-performance block is a flexible sophisticated audio accelerator based on the
MMDSP+ programmable audio DSP, clocked at 133 MHz, and features:
●
24-bit data path
●
Ultra-low power implementation
The audio accelerator features:
●
MP3, AAC, AAC+ (SBR) decoding, and more
●
Speech codecs: AMR (WB, NB), and more
●
Audio sample rates of 32 kHz, 44.1 kHz and 48 kHz
●
Noise reduction and echo cancelling
●
Stereo enhancements and surround effects
1.3
Advanced power management unit (PMU)
The dynamic PMU optimizes power consumption of the STn8810. It delivers all the platform
clocks, and handles reset management. It also manages GPIO levels during sleep mode
and emergency self-refresh of SDRAM.
The PMU controls the external voltage regulator, in order to change its settings in different
modes. In deep-sleep mode, only GPIOs, the real-time clock (RTC), system and reset
controller (SRC), PMU and secured RAM remain in operation. The PMU also controls the
embedded 1.2 V voltage switch that switches off the logic supply after the platform has
entered sleep mode.
The family of power manager ICs, STw481x companion chips, seamlessly interface with the
Nomadik STn8810 and optimize global system power consumption leveraging on the PMU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com