Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8810 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STN8810
Description  Mobile multimedia application processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810 Datasheet(HTML) 2 Page - STMicroelectronics

  STN8810 Datasheet HTML 1Page - STMicroelectronics STN8810 Datasheet HTML 2Page - STMicroelectronics STN8810 Datasheet HTML 3Page - STMicroelectronics STN8810 Datasheet HTML 4Page - STMicroelectronics STN8810 Datasheet HTML 5Page - STMicroelectronics STN8810 Datasheet HTML 6Page - STMicroelectronics STN8810 Datasheet HTML 7Page - STMicroelectronics STN8810 Datasheet HTML 8Page - STMicroelectronics STN8810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2008
Rev 3
1/15
15
Nomadik is a registered trademark of STMicroelectronics
STn8810
Mobile multimedia application processor
Features
■ Video performance
– Real-time MPEG4 decoding up to VGA
30 fps
– WM9/VC-1 encode/decode support
– H.264, H.263 encode/decode support
– JPEG encode or decode, up to 4080 x
4080 pixels
■ Audio performance
–
Extensive digital-audio software library
–
Ultra low-power multimedia
■
Camera interfaces
– Serial interface up to 416 Mbit/s (MIPI
legacy CSI)
– Parallel camera CCIR-656 interface up to
66 MHz (MIPI legacy CPI)
■ Color LCD controller
■ TV output
■ Advanced power management unit
■ ARM926EJ 32-bit RISC CPU at 264 MHz
–
32-Kbyte instruction/16-Kbyte data caches
– Embedded medium trace module
– (ETM Medium+)
■ Advanced security
– Comprehensive security framework
– Protected access to secured ROM and
RAM
■ 16-bit DDR/SDR-SDRAM memory controller
■ NOR Flash/NAND Flash/CompactFlash/CF+
controller
■ MultiMediaCard/SD card host controller
■ Full set of IO peripherals
■ TFBGA 12 mm x 12 mm, 0.5 mm pitch
Description
The STn8810 application processor enables
smart phones, mobile multimedia consumer,
internet appliances and in-car entertainment
systems to play back media content, record
pictures and video clips, receive mobile-TV and
perform bidirectional audio-visual communication
in real time.
Figure 1.
STn8810 block diagram
PLLs
Power
management
Icache
Dcache
JTAG/trace
ARM926EJ
DDR SDRAM
controller
NAND/NOR Flash
controller
Multichannel DMA
controller
eSRAM
buffer
Secured
RAM/ROM
Watchdog
Timers
RTC
System
controller
Interrupt
controller
SSP
GPIO x96
UART x3
MSP x3
SD/MMC
FIrDA
TV output
Color LCD controller
Display interfaces
USB-OTG
Camera interfaces x2
HSI
Security toolbox
Host port interface
1-Wire/HDQ interface
Smart video
accelerator
Smart audio
accelerator
I²C x2
www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com