Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8810 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STN8810
Description  Mobile multimedia application processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STN8810 Datasheet HTML 5Page - STMicroelectronics STN8810 Datasheet HTML 6Page - STMicroelectronics STN8810 Datasheet HTML 7Page - STMicroelectronics STN8810 Datasheet HTML 8Page - STMicroelectronics STN8810 Datasheet HTML 9Page - STMicroelectronics STN8810 Datasheet HTML 10Page - STMicroelectronics STN8810 Datasheet HTML 11Page - STMicroelectronics STN8810 Datasheet HTML 12Page - STMicroelectronics STN8810 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Overview
STn8810
8/15
1.16
Synchronous serial port (SSP)
The STn8810 provides one SSP for synchronous serial communication with external
peripherals. SPI, MicroWire and T.I. protocols are supported, with programmable word
length of up to 32 bits and data rate up to 24 Mbit/s.
The SSP has the following features in both master and slave configurations:
●
Parallel-to-serial conversion of data written to an internal, 32-bit wide, 32-location deep,
transmit FIFO
●
Serial-to-parallel conversion of received data, which is buffered in a 32-bit wide,
32-location deep, receive FIFO
●
Programmable data frame size from 4 to 32 bits
●
Programmable clock bit rate and prescaler
●
Programmable clock phase and polarity in SPI mode
●
Support for direct memory accesses
●
Support for several LCD smart panels
1.17
Camera interface
●
Serial MIPI CSI camera interface, up to 416 Mbit/s data/strobe
●
Parallel CCIR-656 camera interface, up to 66 MHz with embedded/external sync
●
High resolution camera modules, up to 4 Mpixels
1.18
TV interface
The STn8810 interfaces seamlessly with the Imagik companion-chip, which performs YUV
to RGB signal conversion and connects directly to a TV set.
1.19
Liquid crystal display controller (LCDC)
This interface drives LCD panels, and supports the following displays:
●
STN displays: single- or dual-panel with 8-bit color and 4- or 8-bit monochrome
●
TFT displays: 12-, 16-, 18- and 24-bit color
The resolution can be set as follows:
●
1-, 2- or 4-bits-per-pixel (bpp) palettized for mono STN
●
1-, 2-, 4- or 8-bpp palettized for color STN and TFT
●
16-bpp true-color non-palettized for color STN and TFT
●
24-bpp packed and non-packed true-color (non-palettized) for color TFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com