Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414ADT Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV6414ADT
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414ADT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV6414ADT Datasheet HTML 6Page - STMicroelectronics STV6414ADT Datasheet HTML 7Page - STMicroelectronics STV6414ADT Datasheet HTML 8Page - STMicroelectronics STV6414ADT Datasheet HTML 9Page - STMicroelectronics STV6414ADT Datasheet HTML 10Page - STMicroelectronics STV6414ADT Datasheet HTML 11Page - STMicroelectronics STV6414ADT Datasheet HTML 12Page - STMicroelectronics STV6414ADT Datasheet HTML 13Page - STMicroelectronics STV6414ADT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Electrical characteristics
STV6414A
10/32
2.3
Audio section characteristics
TAMB = 25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V, RGA = 600 Ω, RLOUTA =
10 k
Ω, RGV = 50 Ω, RLOUTV = 150 Ω, unless otherwise specified.
VCC
Video operating supply voltage
4.75
5
5.25
V
VCC12
Slow blanking control supply
voltage
11.2
12
12.8
V
Active mode (all channels ON)
IDD
Digital supply current
VDD = 5 V
6
10
mA
ICCA
Audio supply current
VCCAO = 12 V, no load
8
15
mA
ICCV
Total video supply current
(VCC+VCCB1+VCCB2+VCCB3+VCC
B4+VCCB5)
VCC = 5 V, no load, LPF OFF
VCC = 5 V, no load, LPF ON
VCC = 5 V, with load, LPF OFF
VCC = 5 V, with load, LPF ON
35
50
48
63
45
65
62
80
mA
ICC12
12 V supply current
VCC12 = 12 V
SLB input mode
SLB output mode, no load
0
3
1
4
mA
Standby mode (all channels OFF + LPF OFF)
IDD
Digital supply current
VDD = 5 V
6
10
mA
ICCAstd
Audio supply current
VCCA0 = 12 V, no load
3
mA
ICCVstd
Total video supply current
VCC = 5 V
1
mA
Table 5.
Recommended operating conditions (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 6.
Audio section characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
SVR100
Supply voltage rejection
VRIPPLE = 500 mVRMS at 100 Hz,
Gain= 0 dB
DECA filter cap = 47 µF
DECA filter cap = 220 µF
60
70
80
dB
SVR1K
Supply voltage rejection
VRIPPLE = 500 mVRMS at 1 kHz,
Gain = 0 dB
70
80
dB
VINDC
Input DC level
3.2
V
VINAC
Input signal amplitude
2
VRMS
RIN
Input resistance
30
50
k
Ω
RINmatch
Input resistance matching
±2
±10
%
FRANGE
Bandwidth
-3 dB, 0.5 VRMS, RLOAD = 10 kΩ,
Gain
= 0dB
50
kHz
Flatness
Spread of gain in audio band
-0.5 VRMS, 20 Hz to 20 kHz,
Gain = 0 dB
0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com