Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414ADT Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV6414ADT
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414ADT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV6414ADT Datasheet HTML 20Page - STMicroelectronics STV6414ADT Datasheet HTML 21Page - STMicroelectronics STV6414ADT Datasheet HTML 22Page - STMicroelectronics STV6414ADT Datasheet HTML 23Page - STMicroelectronics STV6414ADT Datasheet HTML 24Page - STMicroelectronics STV6414ADT Datasheet HTML 25Page - STMicroelectronics STV6414ADT Datasheet HTML 26Page - STMicroelectronics STV6414ADT Datasheet HTML 27Page - STMicroelectronics STV6414ADT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
I²C bus selection
STV6414A
24/32
Note:
The interrupt flag will be cleared when this register is read. To prepare for a new interrupt, a
“1” must be re-written in the IT Enable bit (Reg. 04, d7).
Table 25.
Standby modes
Reg add
(hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
06h
ENC inputs
1
1
1
X
X
X
X
X
X
1
1
X
X
X
X
0
1
Inputs active
Inputs disabled
VCR inputs
1
1
1
X
X
X
X
X
X
1
1
X
X
0
1
X
X
Inputs active
Inputs disabled
TV inputs
1
1
1
X
X
X
X
X
X
1
1
0
1
X
X
X
X
Inputs active
Inputs disabled
VCR outputs
1
1
1
X
X
X
X
0
1
1
1
X
X
X
X
X
X
Audio & video outputs
ON
Audio & video outputs
OFF
CINCH outputs
1
1
1
X
X
0
1
X
X
1
1
X
X
X
X
X
X
Audio & video outputs
ON
Audio & video outputs
OFF
TV outputs
1
1
1
0
1
X
X
X
X
1
1
X
X
X
X
X
X
Audio & video outputs
ON
Audio & video outputs
OFF
Full stop
1
1
1
11111
Only I²C bus and slow
blanking detection
parts are supplied.
Table 26.
Output signals (read mode)
Reg add
(hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
Slow blanking TV
SCART
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
1
1
0
1
Input < 2 V
Input 16/9 format
Input 4/3 format
Slow banking VCR
SCART
2
X
X
X
X
X
X
X
X
X
X
X
X
0
1
1
1
0
1
X
X
X
X
X
X
Input < 2 V
Input 16/9 format
Input 4/3 format
Interrupt flag
1
X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
No change since read
One change has been
detected (refer to
Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com