Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6414ADT Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV6414ADT
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6414ADT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV6414ADT Datasheet HTML 24Page - STMicroelectronics STV6414ADT Datasheet HTML 25Page - STMicroelectronics STV6414ADT Datasheet HTML 26Page - STMicroelectronics STV6414ADT Datasheet HTML 27Page - STMicroelectronics STV6414ADT Datasheet HTML 28Page - STMicroelectronics STV6414ADT Datasheet HTML 29Page - STMicroelectronics STV6414ADT Datasheet HTML 30Page - STMicroelectronics STV6414ADT Datasheet HTML 31Page - STMicroelectronics STV6414ADT Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
STV6414A
Package mechanical data
29/32
6
Package mechanical data
Figure 23.
64 pin, LQFP64 (low-profile quad flat package) 10 x10 x 1.4 mm
Pin 1
identification
Gage plane
Seating
plane
Table 27.
LQFP64 package dimensions
Dimension
Millimeters
Inches
Minimum
Typical
Maximum
Minimum
Typical
Maximum
A
1.60
0.063
A1
0.05
0.15
0.002
0.005
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.17
0.22
0.27
0.006
0.008
0.010
c
0.09
0.20
0.003
0.0078
ccc
0.08
0.0031
D
11.80
12.00
12.20
0.464
0.472
0.48
D1
9.80
10.00
10.20
0.385
0.393
0.401
D3
7.50
0.295
E
11.0
12.00
12.20
0.464
0.472
0.480
E1
9.80
10.00
10.20
0.385
0.393
0.401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com