Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7710WP Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV7710WP
Description  Vaccum fluorescent display (VFD) driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7710WP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV7710WP Datasheet HTML 7Page - STMicroelectronics STV7710WP Datasheet HTML 8Page - STMicroelectronics STV7710WP Datasheet HTML 9Page - STMicroelectronics STV7710WP Datasheet HTML 10Page - STMicroelectronics STV7710WP Datasheet HTML 11Page - STMicroelectronics STV7710WP Datasheet HTML 12Page - STMicroelectronics STV7710WP Datasheet HTML 13Page - STMicroelectronics STV7710WP Datasheet HTML 14Page - STMicroelectronics STV7710WP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STV7710
Circuit description
11/21
4.3
Description
STV7710 includes all the logic and power circuits necessary to drive electrodes of a vacuum
fluorescent display (VFD). Binary values of each pixel of the displayed line are loaded into
the shift register DATA_A/B data bus. Data is shifted at each low to high transition of the
CLK
clock. After 96 shifts, the data is available at the output of the shift register. This output can
be used to cascade several Ics to drive higher resolution displays.
The forward /reverse (F/R) input is used to select the direction of the shift register. Data
input/output status is set according to the selected direction (refer to
Table 6).
The maximum frequency of the shift clock is 40MHz.
When the STB signal is high, data are transferred from the shift register to the latch and
power output stages.
All the output data are kept memorized and held in the latch stage when the latch input STB
is set at low level.
Vsssub and Vsslog must be connected as close as possible to the logical reference ground
of the application. Also, make sure that TEST input pin is connected to ground (
Figure 8).
STV7710 is supplied with a 5 V power supply. All the logic inputs can be driven either by 5 V
CMOS logic, or by 3.3 V CMOS logic.
Table 7.
Shift register truth table
Input
Data-in / data-out
Shift register function
F/R
CLK
DATA_A
DATA_B
H
↑
Data-in
Data-out
Forward shift
H
H or L
-
-
Steady
L
↑
Data-out
Data-in
Reverse shift
L
H or L
-
-
Steady
Table 8.
Power output truth table
TEST
Qn
STB
BLK
POC
Driver output
Comments
L
X
X
H
X
all “Low”
Output at low level
L
X
X
L
L
all “High”
Output at high level
L
X
L
L
H
Qn
Data latched
L
L
H
L
H
L
Data transfered
L
H
H
L
H
H
Data transfered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com